Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA290 Datasheet(HTML) 1 Page - Texas Instruments

  INA290 Datasheet HTML 1Page - Texas Instruments INA290 Datasheet HTML 2Page - Texas Instruments INA290 Datasheet HTML 3Page - Texas Instruments INA290 Datasheet HTML 4Page - Texas Instruments INA290 Datasheet HTML 5Page - Texas Instruments INA290 Datasheet HTML 6Page - Texas Instruments INA290 Datasheet HTML 7Page - Texas Instruments INA290 Datasheet HTML 8Page - Texas Instruments INA290 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
1 Features
• Wide common-mode voltage:
– Operational voltage: 2.7 V to 120 V
– Survival voltage: −20 V to +122 V
• Excellent CMRR:
– 160-dB DC
– 85-dB AC at 50 kHz
• Accuracy
– Gain:
• Gain error: ±0.1% (maximum)
• Gain drift: ±5 ppm/°C (maximum)
– Offset:
• Offset voltage: ±12 µV (maximum)
• Offset drift: ±0.2 µV/°C (maximum)
• Available gains:
– A1 devices: 20 V/V
– A2 devices: 50 V/V
– A3 devices: 100 V/V
– A4 devices: 200 V/V
– A5 devices: 500 V/V
• High bandwidth: 1.1 MHz
• Slew rate: 2 V/µs
• Quiescent current: 370 µA(per channel)
2 Applications
• Active antenna system mMIMO (AAS)
• Macro remote radio unit (RRU)
• 48-V rack server
• 48-V merchant network & server power supply
• Test and measurement
SAR
ADC
IN+
IN±
OUT
VCM
+
±
Buffer
Current
Feedback
VS
GND
RL
R1
R1
Bias
Load
RSENSE
ISENSE
INA290 (single channel)
INA2290 (dual channel)
Typical Application
3 Description
The INAx290 is an ultra-precise current sense
amplifier that can measure voltage drops across shunt
resistors over a wide common-mode range from 2.7 V
to 120 V. The ultra-precise current measurement
accuracy is achieved thanks to the combination of an
ultra-low offset voltage of ±12 µV (maximum), a small
gain error of ±0.1% (maximum), and a high DC CMRR
of 160 dB (typical). The INAx290 is not only designed
for DC current measurement, but also for high-speed
applications (like fast overcurrent protection, for
example) with a high bandwidth of 1.1 MHz (at gain of
20 V/V) and an 85-dB AC CMRR (at 50 kHz).
The INAx290 provides the capability to make ultra-
precise current measurements by sensing the voltage
drop across a shunt resistor over a wide common-
mode range from 2.7 V to 120 V. The INAx290
devices come in highly space-efficient packages. The
single channel INA290 device is featured in the SC-70
package while the dual channel INA2290 device is
available in the VSSOP-8 package.
The INAx290 operates from a single 2.7-V to 20-V
supply with the single channel device only drawing
370-µA supply current per channel (typical). The
devices are available with five gain options: 20 V/V,
50 V/V, 100 V/V, 200 V/V, and 500 V/V. The low offset
of the zero-drift architecture enables current sensing
with low ohmic shunts as specified over the extended
operating temperature range (−40 °C to +125 °C).
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA290
SC-70 (5)
2.00 mm × 1.25 mm
INA2290
VSSOP (8)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
www.ti.com
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: INA290 INA2290
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI1-INA290 Datasheet
1Mb / 27P
INA290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290 Datasheet
1Mb / 27P
INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA290 TI2-INA290 Datasheet
2Mb / 45P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
REVISED JUNE 2021
More results

Similar Description - INA290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI1-INA290 Datasheet
1Mb / 27P
INA290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290-Q1 TI-INA290-Q1_V01 Datasheet
1Mb / 27P
INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A-Q1 TI-INA296A-Q1 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A-Q1 TI-INA296A-Q1_V03 Datasheet
2Mb / 39P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2023
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com