Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA290 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA290 Datasheet HTML 6Page - Texas Instruments INA290 Datasheet HTML 7Page - Texas Instruments INA290 Datasheet HTML 8Page - Texas Instruments INA290 Datasheet HTML 9Page - Texas Instruments INA290 Datasheet HTML 10Page - Texas Instruments INA290 Datasheet HTML 11Page - Texas Instruments INA290 Datasheet HTML 12Page - Texas Instruments INA290 Datasheet HTML 13Page - Texas Instruments INA290 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
VS = 5V
VS = 20V
VS = 2.7V
RL = 10 kΩ
Figure 6-23. Swing to Supply vs Temperature
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.000
0.005
0.010
0.015
0.020
VS = 5V
VS = 20V
VS = 2.7V
RL = 10 kΩ
Figure 6-24. Swing to GND vs Temperature
Frequency (Hz)
10
20
30
40
50
60
70
80
100
10
100
1k
10k
100k
1M
G = 20
G = 500
Figure 6-25. Input Referred Noise vs Frequency
Time (1 s/div)
Figure 6-26. Input Referred Noise
Output Voltage (V)
0
2.5
5
7.5
10
12.5
15
17.5
20
175
200
225
250
275
300
325
350
375
400
VS = 5V
VS = 20V
VS = 2.7V
Figure 6-27. Quiescent Current vs Output Voltage,
INA290
Figure 6-28. Quiescent Current vs Output Voltage,
INA2290
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com