Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA290 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA290 Datasheet HTML 8Page - Texas Instruments INA290 Datasheet HTML 9Page - Texas Instruments INA290 Datasheet HTML 10Page - Texas Instruments INA290 Datasheet HTML 11Page - Texas Instruments INA290 Datasheet HTML 12Page - Texas Instruments INA290 Datasheet HTML 13Page - Texas Instruments INA290 Datasheet HTML 14Page - Texas Instruments INA290 Datasheet HTML 15Page - Texas Instruments INA290 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Time (12.5Ps/div)
2.7V
2.5V
VCM
VOUT
RL = 10 kΩ
VSENSE = 5 mV
Figure 6-35. Common-Mode Voltage Fast Transient
Pulse, A5 Devices
Time (10 Ps/div)
0V
0V
Figure 6-36. Step Response, A3 Devices
Time (5 Ps/div)
0V
Supply Voltage
Output Voltage
VSENSE = 0 mV
Figure 6-37. Start-Up Response
Time (25 Ps/div)
0V
Supply Voltage
Output Voltage
VSENSE = 5 mV
Figure 6-38. Supply Transient Response, A5
Devices
Frequency (Hz)
60
80
100
120
140
160
10
100
1k
10k
100k
1M
Any channel to any other channel
Figure 6-39. Channel Separation vs Frequency, INA2290
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com