Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA290 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA290 Datasheet HTML 10Page - Texas Instruments INA290 Datasheet HTML 11Page - Texas Instruments INA290 Datasheet HTML 12Page - Texas Instruments INA290 Datasheet HTML 13Page - Texas Instruments INA290 Datasheet HTML 14Page - Texas Instruments INA290 Datasheet HTML 15Page - Texas Instruments INA290 Datasheet HTML 16Page - Texas Instruments INA290 Datasheet HTML 17Page - Texas Instruments INA290 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
7.3 Feature Description
7.3.1 Amplifier Input Common-Mode Range
The INAx290 supports large input common-mode voltages from 2.7 V to 120 V and features a high DC CMRR of
160 dB (typical) and a 85-dB AC CMRR at 50 kHz. The minimum common-mode voltage is restricted by the
supply voltage as shown in Figure 7-1. The topology of the internal amplifiers INAx290 restricts operation to
high-side, current-sensing applications.
Supply Voltage (V)
0
2.5
5
7.5
10
12.5
15
17.5
20
0
1
2
3
4
5
6
7
8
VCM = 2.7V
Figure 7-1. Minimum Common-Mode Voltage vs Supply
7.3.2 Input-Signal Bandwidth
The INAx290 –3-dB bandwidth is gain dependent with several gain options of 20 V/V, 50 V/V, 100 V/V, 200 V/V,
and 500 V/V as shown in Figure 6-8. The unique multistage design enables the amplifier to achieve high
bandwidth at all gains. This high bandwidth provides the throughput and fast response that is required for the
rapid detection and processing of overcurrent events.
The bandwidth of the device also depends on the applied VSENSE voltage. Figure 7-2 shows the bandwidth
performance profile of the device over frequency as output voltage increases for each gain variation. As shown
in Figure 7-2, the device exhibits the highest bandwidth with higher VSENSE voltages, and the bandwidth is higher
with lower device gain options. Individual requirements determine the acceptable limits of error for high-
frequency, current-sensing applications. Testing and evaluation in the end application or circuit is required to
determine the acceptance criteria and validate whether or not the performance levels meet the system
specifications.
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
200
300
400
500
600
700
800
900
1000
1100
1200
G = 20
G = 50
G = 100
G = 200
G = 500
Figure 7-2. Bandwidth vs Output Voltage
INA290, INA2290
SBOS961B – JUNE 2020 – REVISED DECEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com