| Electronic Components Datasheet Search |
|
INA290 Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA290 Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 6-Jan-2021 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples INA2290A1IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FAQ INA2290A1IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FAQ INA2290A2IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FBQ INA2290A2IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FBQ INA2290A3IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FCQ INA2290A3IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FCQ INA2290A4IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FDQ INA2290A4IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FDQ INA2290A5IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FEQ INA2290A5IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 2FEQ INA290A1IDCKR ACTIVE SC70 DCK 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FQ INA290A1IDCKT ACTIVE SC70 DCK 5 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FQ INA290A2IDCKR ACTIVE SC70 DCK 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FR INA290A2IDCKT ACTIVE SC70 DCK 5 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FR INA290A3IDCKR ACTIVE SC70 DCK 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FS INA290A3IDCKT ACTIVE SC70 DCK 5 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FS INA290A4IDCKR ACTIVE SC70 DCK 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FT INA290A4IDCKT ACTIVE SC70 DCK 5 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FT INA290A5IDCKR ACTIVE SC70 DCK 5 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FU INA290A5IDCKT ACTIVE SC70 DCK 5 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1FU |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |