Electronic Components Datasheet Search
  English  ▼

X  

LTC4255 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4255 Datasheet HTML 4Page - Linear Technology LTC4255 Datasheet HTML 5Page - Linear Technology LTC4255 Datasheet HTML 6Page - Linear Technology LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology LTC4255 Datasheet HTML 10Page - Linear Technology LTC4255 Datasheet HTML 11Page - Linear Technology LTC4255 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4255
8
4255f
Figure 2. Current Limit Timing
Figure 3. Open-Circuit Filter Timing
Figure 4. Turn-On Delay
Figure 1. 2-Wire Interface Timing
TEST TI
I G
SCL
SDA
FAULT
t1
t2
t3
tr
tf
t5
t6
t7
t8
t9
t4
4255 F01
0V
VSENSE TO VEE
FAULT
tCL
4255 F02
VSC
0V
VSENSE TO VEE
FAULT
tOCF
4255 F03
VOC
tOD
4255 F04
AO
ACK
STOP BIT
SCL
SDA
GATE
REGISTER DEFI ITIO S
Register 4: Status Register 2 (Read Only)
D0: Current Limit Fault Status for Port 1. Logic high
indicates a short-circuit has been detected on Port 1.
D1: Current Limit Fault Status for Port 2. Logic high
indicates a short-circuit has been detected on Port 2.
D2: Current Limit Fault Status for Port 3. Logic high
indicates a short-circuit has been detected on Port 3.
D3: Current Limit Fault Status for Port 4. Logic high
indicates a short-circuit has been detected on Port 4.
D4: Open-Circuit Fault Status for Port 1. Logic high
indicates an open-circuit has been detected on Port 1.
D5: Open-Circuit Fault Status for Port 2. Logic high
indicates an open-circuit has been detected on Port 2.
D6: Open-Circuit Fault Status for Port 3. Logic high
indicates an open-circuit has been detected on Port 3.
D7: Open-Circuit Fault Status for Port 4. Logic high
indicates an open-circuit has been detected on Port 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com