Electronic Components Datasheet Search
  English  ▼

X  

LTC4255 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology LTC4255 Datasheet HTML 10Page - Linear Technology LTC4255 Datasheet HTML 11Page - Linear Technology LTC4255 Datasheet HTML 12Page - Linear Technology LTC4255 Datasheet HTML 13Page - Linear Technology LTC4255 Datasheet HTML 14Page - Linear Technology LTC4255 Datasheet HTML 15Page - Linear Technology LTC4255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LTC4255
15
4255f
APPLICATIO S I FOR ATIO
Figure 13. Relay Driver Output
4255 F13
DRIVE
CIRCUITRY
RELAY
18V
3V TO 12V
DGND
PACKAGE DESCRIPTIO
Relay Drivers
The four relay drivers have an open collector NPN
transistor with the ability to sink 50mA to within 0.3V of
DGND (Figure 13).
An 18V Zener diode connected to DGND is provided to
protect against the inductive kickback of the coil when the
NPN transistor is turned off.
G Package
28-Lead Plastic SSOP (5.3mm)
(Reference LTC DWG # 05-08-1640)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
G28 SSOP 0802
0.09 – 0.25
(.0035 – .010)
0
° – 8°
0.55 – 0.95
(.022 – .037)
5.00 – 5.60**
(.197 – .221)
7.40 – 8.20
(.291 – .323)
12 3
4
5
6 7 8
9 10 11 12
14
13
9.90 – 10.50*
(.390 – .413)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
2.0
(.079)
0.05
(.002)
0.65
(.0256)
BSC
0.22 – 0.38
(.009 – .015)
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
*
**
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
0.42
±0.03
0.65 BSC
5.3 – 5.7
7.8 – 8.2
RECOMMENDED SOLDER PAD LAYOUT
1.25
±0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com