Electronic Components Datasheet Search
  English  ▼

X  

LTC4255 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology LTC4255 Datasheet HTML 10Page - Linear Technology LTC4255 Datasheet HTML 11Page - Linear Technology LTC4255 Datasheet HTML 12Page - Linear Technology LTC4255 Datasheet HTML 13Page - Linear Technology LTC4255 Datasheet HTML 14Page - Linear Technology LTC4255 Datasheet HTML 15Page - Linear Technology LTC4255 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4255
16
4255f
PART NUMBER
DESCRIPTION
COMMENTS
LTC1694
I2C/SMBus Accelerator
Active Pull-Up Improves Rise Time, Ensures Data Integrity
LT4250
Negative Voltage Hot Swap Controller in SO-8
Active Current Limiting, Supplies from –20V to –80V
LTC4251
Negative Voltage Hot Swap Controller in SOT-23
Active Current Limiting, Floating Supplies from –15V
LTC4300-1/LTC4300-2 Hot Swappable 2-Wire Bus Buffer
Isolates SDA, SCL Lines from Output/Allows 3.3V to 5V Level Translation
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0203 2K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
Typical Application Using Schottky Diodes to Protect FETs
RS1
0.33
Ω
RS2
0.33
Ω
RS3
0.33
Ω
RS4
0.33
Ω
Q1
Q2
Q3
Q4
12V
0.1
µF
–48V
4255 TA01
100k
100k
100k
100k
SCL
SDA
FAULT
AD0
AD1
AD2
AD3
AD4
DGND AGND
VEE
SENSE1 GATE1
OUT1 SENSE2 GATE2
OUT2 SENSE3 GATE3
OUT3 SENSE4 GATE4 OUT4
RELAY1
RELAY2
RELAY3
RELAY4
LTC4255
VCC
0.1
µF
Q1, Q2, Q3, Q4: FDC3612 (FAIRCHILD)
SCHOTTKY DIODES: MBRS1100T3 (ON SEMI)
RELAYS: V23079 SERIES (TYCO/POTTER AND BRUMFIELD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com