Electronic Components Datasheet Search
  English  ▼

X  

LTC4255 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4255
Description  Quad Network Power Controller with I2C Compatible Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4255 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4255 Datasheet HTML 7Page - Linear Technology LTC4255 Datasheet HTML 8Page - Linear Technology LTC4255 Datasheet HTML 9Page - Linear Technology LTC4255 Datasheet HTML 10Page - Linear Technology LTC4255 Datasheet HTML 11Page - Linear Technology LTC4255 Datasheet HTML 12Page - Linear Technology LTC4255 Datasheet HTML 13Page - Linear Technology LTC4255 Datasheet HTML 14Page - Linear Technology LTC4255 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4255
11
4255f
Normal Power-Up
Using channel 1 as an example, a normal power-up cycle
begins when the switch 1 enable bit (A0) and relay 1 enable
bit (A4) are set high and then latched into the chip by a
STOP bit on the serial interface (point A, Figure 9).
The RELAY1 output turns on immediately and energizes
an optional relay connecting the AGND and OUT1 pins to
the cable. After a fixed delay of approximately 18ms (tOD),
the GATE1 pin will start to pull high (point B). When the
threshold voltage of the FET is reached, current will begin
flowing in the external FET (point C). The voltage at the
OUT1 pin will then fall at a rate determined by the current
limit and the output load capacitance. Because the current
limit is lower when the OUT1 pin is near AGND due to the
foldback circuit, the voltage will fall slowly at first, then get
faster. At the same time, the current limit timer will start.
The OUT1 voltage must reach its final value and the analog
current limit circuit must turn off before the current limit
timer expires, or a current limit fault will be detected and
the FAULT pin will be pulled low.
APPLICATIO S I FOR ATIO
Figure 9. Normal Power-Up and Power-Down Sequence on Channel 1
When the voltage at OUT1 is within 2V of VEE,thePower_OK
(C0) bit will be set (point D) and the open-circuit enable
delay timer started. As long as the load current turns on
before the open-circuit enable delay timer expires, the
FAULT pin will remain in a high impedance state and the
current limit fault status bit (D0) and open-circuit fault
status bit (D4) bits will remain low, thus completing a
normal power-up sequence. The Power_OK bit will re-
main high until the switch is turned off by setting the
switch enable bit (AO) low or a short-circuit or open-
circuit condition turns off the switch.
A normal power-down sequence begins when the switch
enable bit (A0) and relay enable bit (A4) are cleared and
then latched into the chip by a STOP bit on the serial
interface (point E). The RELAY1 pin will go into a high
impedance state and the inductive voltage spike from the
primary coil will be clamped at about 18V. The relay will
typically disengage several milliseconds later. At the same
time, the GATE1 pin will be pulled low by a 50
µA current
source, the FET will turn off, and the Power_OK bit will be
cleared.
AO
ACK
AO
ACK
STOP BIT
SCL
SDA
SHORT-CIRCUIT STATUS
(D0)
OPEN-CIRCUIT STATUS
(D4)
POWER_OK
(C0)
FAULT
RELAY1
GATE1
OUT1
AB
C
D
E
FET TURNS ON
POWER OK
tOD
4255 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com