Electronic Components Datasheet Search
  English  ▼

X  

MAX6921 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6921
Description  20-Output, 76V, Serial-Interfaced VFD Tube Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6921 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6921 Datasheet HTML 1Page - Maxim Integrated Products MAX6921 Datasheet HTML 2Page - Maxim Integrated Products MAX6921 Datasheet HTML 3Page - Maxim Integrated Products MAX6921 Datasheet HTML 4Page - Maxim Integrated Products MAX6921 Datasheet HTML 5Page - Maxim Integrated Products MAX6921 Datasheet HTML 6Page - Maxim Integrated Products MAX6921 Datasheet HTML 7Page - Maxim Integrated Products MAX6921 Datasheet HTML 8Page - Maxim Integrated Products MAX6921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6921/MAX6931 are 20-output, 76V, vacuum-
fluorescent display (VFD) tube drivers that interface a
multiplexed VFD tube to a VFD controller, such as the
MAX6850–MAX6853, or to a microcontroller. The
MAX6921/MAX6931 are also ideal for driving static VFD
tubes or telecom relays.
Data is input using an industry standard 4-wire serial
interface (CLOCK, DATA, LOAD, BLANK), compatibile
with either Maxim’s or industry-standard VFD driver and
controller.
For easy display control, the active-high BLANK input
forces all driver outputs low, turning the display off, and
automatically puts the MAX6921/MAX6931 into shut-
down mode. Display intensity may also be controlled by
directly pulse-width modulating the BLANK input.
The MAX6921 has a serial interface data output, DOUT,
allowing any number of devices to be cascaded on the
same serial interface.
The MAX6931 has a negative supply voltage input, VSS,
allowing the drivers’ output swing to be made bipolar to
simplify filament biasing in many applications.
The MAX6921 is available in 28-pin TSSOP, SO, and
PLCC packages. The MAX6931 is available in a 28-pin
TSSOP package.
Maxim also offers 12-output VFD drivers (MAX6920) and
32-output VFD drivers (MAX6922/MAX6932).
Applications
White Goods
Industrial Weighing
Gaming Machines
Security
Automotive
Telecom
Avionics
VFD Modules
Instrumentation
Industrial Control
Features
o 5MHz Industry-Standard 4-Wire Serial Interface
o 3V to 5.5V Logic Supply Range
o 8V to 76V Grid/Anode Supply Range
o -11V to 0V Filament Bias Supply (MAX6931 Only)
o Push-Pull CMOS High-Voltage Outputs
o Outputs can Source 40mA, Sink 4mA
Continuously
o Outputs can Source 75mA Repetitive Pulses
o Outputs can be Paralleled for Higher Current Drive
o Any Output can be Used as a Grid or an Anode
Driver
o Blank Input Simplifies PWM Intensity Control
o Small 28-Pin TSSOP Package
o -40°C to +125°C Temperature Range
20-Output, 76V, Serial-Interfaced
VFD Tube Drivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3020; Rev 0; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6921AUI
-40
°C to +125°C
28 TSSOP
MAX6921AWI
-40
°C to +125°C
28 Wide SO
MAX6921AQI
-40
°C to +125°C
28 PLCC
MAX6931AUI
-40
°C to +125°C
28 TSSOP
MAX6931
DIN
CLK
LOAD
BLANK
VFDOUT
VFCLK
VFLOAD
VFBLANK
921
GND
-7V
6
22
µC
23
20
C1
100nF
C3
100nF
+5V
7
VCC
VSS
C2
100nF
+60V
8
VBB
OUT0–OUT19
20
Typical Operating Circuit
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX6921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6921AQI MAXIM-MAX6921AQI Datasheet
143Kb / 13P
20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 1; 4/10
MAX6921AUI MAXIM-MAX6921AUI Datasheet
143Kb / 13P
20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 1; 4/10
MAX6921AWI MAXIM-MAX6921AWI Datasheet
143Kb / 13P
20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 1; 4/10
MAX6921 MAXIM-MAX6921_10 Datasheet
143Kb / 13P
20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 1; 4/10
More results

Similar Description - MAX6921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX6920 MAXIM-MAX6920 Datasheet
182Kb / 10P
12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 0; 10/03
logo
Applied Micro Circuits ...
SC3306 AMCC-SC3306 Datasheet
291Kb / 8P
20-OUTPUT LVTTL CLOCK DRIVERS
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6921 MAXIM-MAX6921_10 Datasheet
143Kb / 13P
20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 1; 4/10
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6920 MAXIM-MAX6920_14 Datasheet
1Mb / 10P
12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
logo
Unisonic Technologies
UL319 UTC-UL319 Datasheet
230Kb / 7P
SERIAL-INTERFACED 16-DIGIT LED CONTROLLER IC
logo
Maxim Integrated Produc...
MAX6922 MAXIM-MAX6922 Datasheet
1Mb / 14P
27-, 28-, and 32-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 3; 7/14
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com