Electronic Components Datasheet Search
  English  ▼

X  

MAX6921 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6921
Description  20-Output, 76V, Serial-Interfaced VFD Tube Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6921 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6921 Datasheet HTML 1Page - Maxim Integrated Products MAX6921 Datasheet HTML 2Page - Maxim Integrated Products MAX6921 Datasheet HTML 3Page - Maxim Integrated Products MAX6921 Datasheet HTML 4Page - Maxim Integrated Products MAX6921 Datasheet HTML 5Page - Maxim Integrated Products MAX6921 Datasheet HTML 6Page - Maxim Integrated Products MAX6921 Datasheet HTML 7Page - Maxim Integrated Products MAX6921 Datasheet HTML 8Page - Maxim Integrated Products MAX6921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Typical Operating Characteristics
(VCC = 5.0V, VBB = 76V, and TA = +25°C, unless otherwise noted.)
20-Output, 76V, Serial-Interfaced
VFD Tube Drivers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VBB = 8V to 76V, VCC = 3V to 5.5V, VSS = -11V to 0V, VBB - VSS
≤ 76V, TA = TMIN to TMAX, unless other-
wise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3V to 4.5V
60
100
Rise and Fall Time DOUT
CDOUT = 10pF
(Note 2)
4.5V to 5.5V
30
80
ns
CLK Clock Period
tCP
200
ns
CLK Pulse-Width High
tCH
90
ns
CLK Pulse-Width Low
tCL
90
ns
CLK Rise to LOAD Rise Hold
tCSH
(Note 2)
100
ns
DIN Setup Time
tDS
5ns
3.0V to 4.5V
20
DIN Hold Time
tDH
4.5V to 5.5V
15
ns
3.0V to 4.5V
25
120
240
DOUT Propagation Delay
tDO
CDOUT = 10pF
4.5V to 5.5V
20
75
150
ns
LOAD Pulse High
tCSW
55
ns
Note 1: All parameters are tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: Delay measured from control edge to when output OUT_ changes by 1V.
TUBE SUPPLY CURRENT (IBB)
vs. TEMPERATURE (OUTPUTS LOW)
TEMPERATURE (
°C)
100
80
40
60
020
-20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-40
120
VBB = 76V
VBB = 40V
VBB = 8V
TUBE SUPPLY CURRENT (IBB)
vs. TEMPERATURE (OUTPUTS HIGH)
TEMPERATURE (
°C)
100
80
40
60
020
-20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-40
120
VBB = 76V
VBB = 40V
VBB = 8V
LOGIC SUPPLY CURRENT (ICC)
vs. TEMPERATURE (OUTPUTS LOW)
TEMPERATURE (
°C)
100
80
40
60
020
-20
50
100
150
200
250
300
350
400
0
-40
120
VCC = 5V, CLK = 5MHz
VCC = 3.3V, CLK = 5MHz
VCC = 5V, CLK = IDLE
VCC = 3.3V, CLK = IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com