Electronic Components Datasheet Search
  English  ▼

X  

MAX6921 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6921
Description  20-Output, 76V, Serial-Interfaced VFD Tube Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6921 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6921 Datasheet HTML 1Page - Maxim Integrated Products MAX6921 Datasheet HTML 2Page - Maxim Integrated Products MAX6921 Datasheet HTML 3Page - Maxim Integrated Products MAX6921 Datasheet HTML 4Page - Maxim Integrated Products MAX6921 Datasheet HTML 5Page - Maxim Integrated Products MAX6921 Datasheet HTML 6Page - Maxim Integrated Products MAX6921 Datasheet HTML 7Page - Maxim Integrated Products MAX6921 Datasheet HTML 8Page - Maxim Integrated Products MAX6921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
20-Output, 76V, Serial-Interfaced
VFD Tube Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, VBB = 8V to 76V, VCC = 3V to 5.5V, VSS = -11V to 0V, VBB - VSS
≤ 76V, TA = TMIN to TMAX, unless other-
wise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with respect to GND)
VBB .........................................................................-0.3V to +80V
VCC ...........................................................................-0.3V to +6V
VSS (MAX6931 only) ...............................................-12V to +0.3V
VBB - VSS (MAX6931 only) .....................................-0.3V to +80V
OUT_ (MAX6921 only) ..................(GND - -0.3V) to (VBB + 0.3V)
OUT_ (MAX6931 only) ....................(VSS - -0.3V) to (VBB + 0.3V)
All Other Pins..............................................-0.3V to (VCC + 0.3V)
OUT_ Continuous Source Current ....................................-45mA
OUT_ Pulsed (1ms max, 1/4 max duty) Source Current ...-80mA
Total OUT_ Continuous Source Current .........................-540mA
Total OUT_ Continuous Sink Current .................................90mA
Total OUT_ Pulsed (1ms max, 1/4 max duty)
Source Current ...........................................................-960mA
OUT_ Sink Current .............................................................15mA
CLK, DIN, LOAD, BLANK, DOUT Current .......................±10mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (derate 12.8mW/°C
over +70°C)................................................................1025mW
28-Pin Wide SO (derate 12.5mW/°C
over +70°C)................................................................1000mW
28-Pin PLCC (derate 10.5mW/°C
over +70°C)..................................................................842mW
Operating Temperature Range
(TMIN to TMAX) ...............................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Supply Voltage
VCC
3
5.5
V
Tube Supply Voltage
VBB
876
V
Bias Supply Voltage
(MAX6931 Only)
VSS
-11
0
V
Total Supply Voltage
(MAX6931 Only)
VBB - VSS
76
V
TA = +25°C
78
170
All outputs OUT_ low,
CLK = idle
TA = -40°C to +125°C
200
TA = +25°C
540
900
Logic Supply Operating Current
ICC
All outputs OUT_ high,
CLK = idle
TA = -40°C to +125°C
1000
µA
TA = +25°C
1.65
3.0
All outputs OUT_ low
TA = -40°C to +125°C
6.9
TA = +25°C
0.85
1.3
Tube Supply Operating Current
IBB
All outputs OUT_ high
TA = -40°C to +125°C
1.4
mA
TA = +25°C
-0.8
-0.38
All outputs OUT_ low
TA = -40°C to +125°C
-1.9
TA = +25°C
-1.4
-0.87
Bias Supply Operating Current
(MAX6931 Only)
ISS
All outputs OUT_ high
TA = -40°C to +125°C
-1.5
mA
TA = +25°CVBB - 1.1
TA = -40°C to +85°CVBB - 2
VBB
≥ 15V
IOUT = -25mA
TA = -40°C to +125°CVBB - 2.5
TA = -40°C to +85°CVBB - 3.5
VBB
≥ 15V
IOUT = -40mA
TA = -40°C to +125°CVBB - 4.0
TA = +25°CVBB - 1.2
TA = -40°C to +85°CVBB - 2.5
High-Voltage OUT_
VH
8V < VBB < 15V
IOUT = -25mA
TA = -40°C to +125°CVBB - 3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com