Electronic Components Datasheet Search
  English  ▼

X  

MAX6921 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6921
Description  20-Output, 76V, Serial-Interfaced VFD Tube Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6921 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6921 Datasheet HTML 2Page - Maxim Integrated Products MAX6921 Datasheet HTML 3Page - Maxim Integrated Products MAX6921 Datasheet HTML 4Page - Maxim Integrated Products MAX6921 Datasheet HTML 5Page - Maxim Integrated Products MAX6921 Datasheet HTML 6Page - Maxim Integrated Products MAX6921 Datasheet HTML 7Page - Maxim Integrated Products MAX6921 Datasheet HTML 8Page - Maxim Integrated Products MAX6921 Datasheet HTML 9Page - Maxim Integrated Products MAX6921 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
20-Output, 76V, Serial-Interfaced
VFD Tube Drivers
6
_______________________________________________________________________________________
PIN
TSSOP
MAX6931
MAX6921
WIDE SO/
PLCC
NAME
FUNCTION
1–5, 10–19,
24–28
——
OUT0 to
OUT19
VFD Anode and Grid Drivers. OUT0 to OUT19 are push-pull outputs swinging
from VBB to VSS.
—
1–5, 10–19,
24–28
3–12,
17–26
OUT0 to
OUT19
VFD Anode and Grid Drivers. OUT0 to OUT19 are push-pull outputs swinging
from VBB to GND.
—
9
2
DOUT
Serial-Clock Output. Data is clocked out of the internal shift-register to DOUT
on CLK’s rising edge.
6
6
27
DIN
Serial-Data Input. Data is loaded into the internal shift register on CLK’s rising
edge.
7
7
28
VCC
Logic Supply Voltage
88
1
VBB
VFD Tube Supply Voltage
9
——
VSS
Filament Bias Supply Voltage
20
20
13
BLANK
Blanking Input. High forces outputs OUT0 to OUT19 low, without altering the
contents of the output latches. Low enables outputs OUT0 to OUT19 to follow
the state of the output latches.
21
21
14
GND
Ground
22
22
15
CLK
Serial-Clock Input. Data is loaded into the internal shift register on CLK’s
rising edge.
23
23
16
LOAD
Load Input. Data is loaded transparently from the internal shift register to the
output latch while LOAD is high. Data is latched into the output latch on
LOAD's rising edge, and retained while LOAD is low.
Pin Description
SERIAL-TO-PARALLEL SHIFT REGISTER
LATCHES
CLK
DIN
LOAD
BLANK
OUT0 OUT1 OUT2
OUT19
DOUT
MAX6921 ONLY
MAX6921
MAX6931
Figure 1. MAX6921/MAX6931 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com