Electronic Components Datasheet Search
  English  ▼

X  

MAX6921 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6921
Description  20-Output, 76V, Serial-Interfaced VFD Tube Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6921 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6921 Datasheet HTML 6Page - Maxim Integrated Products MAX6921 Datasheet HTML 7Page - Maxim Integrated Products MAX6921 Datasheet HTML 8Page - Maxim Integrated Products MAX6921 Datasheet HTML 9Page - Maxim Integrated Products MAX6921 Datasheet HTML 10Page - Maxim Integrated Products MAX6921 Datasheet HTML 11Page - Maxim Integrated Products MAX6921 Datasheet HTML 12Page - Maxim Integrated Products MAX6921 Datasheet HTML 13Page - Maxim Integrated Products MAX6921 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
20-Output, 76V, Serial-Interfaced
VFD Tube Drivers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
FAMILY PACKAGE OUTLINE:
20L, 28L, 44L, 52L, 68L PLCC
1
1
21-0049
D
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
D1
D
C
A2
B1
B
A1
A
A3
D2
e
D3
D1
D
D3
N
22.61
20.32
0.800
D3
D2 0.890
0.930
REF
REF
23.62
4.20
2.29
3.69
0.51
0.33
0.66
0.23
9.78
8.89
7.37
5.08
12.32
11.43
9.91
7.62
17.40
16.51
14.99
12.70
MIN
MIN
24.13
25.02
0.120
0.090
A1
REF
D3
0.200
0.485
0.300
0.685
0.500
0.985
D
D1
D2
D3
D1
D
0.650
0.590
0.950
D
D1
D2
D3
0.450
0.390
0.695
0.656
0.630
0.958
0.995
REF
0.495
0.456
0.430
REF
0.050
0.385
INCHES
D
D1
D2
0.350
0.290
MIN
A2
A3
B
B1
C
e
0.145
0.020
0.013
0.026
0.009
0.395
0.356
0.330
MAX
0.156
0.021
0.032
---
0.011
INCHES
A 0.165
MIN
0.180
MAX
3.04
REF
28
44
68
17.65
16.66
16.00
REF
24.33
25.27
12.57
11.58
10.92
REF
AC
AE
AB
10.03
9.04
8.38
MAX
N
20
3.96
---
0.53
0.81
0.28
1.27
AA
4.57
MAX
NOTES:
1. D1 DOES NOT INCLUDE MOLD FLASH.
2. MOLD FLASH OR PROTRUSIONS NOT TO EXCEED
.20mm (.008") PER SIDE.
3. LEADS TO BE COPLANAR WITHIN .10mm.
4. CONTROLLING DIMENSION: MILLIMETER
5. MEETS JEDEC MO047-XX AS SHOWN IN TABLE.
6. N = NUMBER OF PINS.
REF
REF
D3
0.600
15.24
17.53
19.05
19.94
D1
D2
D
0.750
0.690
0.785
0.756
0.795
0.730
52
19.20
20.19
18.54
AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com