Electronic Components Datasheet Search
  English  ▼

X  

MAX6921 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6921
Description  20-Output, 76V, Serial-Interfaced VFD Tube Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6921 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6921 Datasheet HTML 1Page - Maxim Integrated Products MAX6921 Datasheet HTML 2Page - Maxim Integrated Products MAX6921 Datasheet HTML 3Page - Maxim Integrated Products MAX6921 Datasheet HTML 4Page - Maxim Integrated Products MAX6921 Datasheet HTML 5Page - Maxim Integrated Products MAX6921 Datasheet HTML 6Page - Maxim Integrated Products MAX6921 Datasheet HTML 7Page - Maxim Integrated Products MAX6921 Datasheet HTML 8Page - Maxim Integrated Products MAX6921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
20-Output, 76V, Serial-Interfaced
VFD Tube Drivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VBB = 8V to 76V, VCC = 3V to 5.5V, VSS = -11V to 0V, VBB - VSS
≤ 76V, TA = TMIN to TMAX, unless other-
wise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
0.75
1
TA = -40°C to +85°C
1.5
VBB
≥ 15V
IOUT = 1mA
TA = -40°C to +125°C
1.9
TA = +25°C
0.8
1.1
TA = -40°C to +85°C
1.6
Low-Voltage OUT_
(MAX6921 Only)
VL
8V < VBB < 15V
IOUT = 1mA
TA = -40°C to +125°C
2.0
V
TA = +25°CVSS + 0.75 VSS + 1
TA = -40°C to +85°CVSS + 1.5
VBB
≥ 15V
IOUT = 1mA
TA = -40°C to +125°CVSS + 1.9
TA = +25°CVSS + 0.8 VSS + 1.1
TA = -40°C to +85°CVSS + 1.6
Low-Voltage OUT_
(MAX6931 Only)
VL
8V < VBB < 15V
IOUT = 1mA
TA = -40°C to +125°CVSS + 2.0
V
Rise Time OUT_ (20% to 80%)
tR
VBB = 60V, CL = 50pF, RL =2.3k
Ω
0.9
2
µs
Fall Time OUT_ (80% to 20%)
tF
VBB = 60V, CL = 50pF, RL =2.3k
Ω
0.6
1.5
µs
SERIAL INTERFACE TIMING CHARACTERISTICS
LOAD Rising to OUT_ Falling
Delay
(Notes 2, 3)
0.9
1.8
µs
LOAD Rising to OUT_ Rising
Delay
(Notes 2, 3)
1.2
2.4
µs
BLANK Rising to OUT_ Falling
Delay
(Notes 2, 3)
0.9
1.8
µs
BLANK Falling to OUT_ Rising
Delay
(Notes 2, 3)
0.5
1.3
2.5
µs
Input Leakage Current
CLK, DIN, LOAD, BLANK
IIH, IIL
0.05
10
µA
Logic-High Input Voltage
CLK, DIN, LOAD, BLANK
VIH
0.8 x
VCC
V
Logic-Low Input Voltage
CLK, DIN, LOAD, BLANK
VIL
0.3 x
VCC
V
Hysteresis Voltage
DIN, CLK, LOAD, BLANK
∆VI
0.6
V
High-Voltage DOUT
VOH
ISOURCE = -1.0mA
VCC -
0.5
V
Low-Voltage DOUT
VOL
ISINK = 1.0mA
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com