Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 2Page - Texas Instruments PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
PCM182x
UNIT
RTE (WQFN)
20 PINS
RθJA -High
K
Junction-to-ambient thermal resistance
55.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.1
°C/W
RθJB
Junction-to-board thermal resistance
23.4
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
23.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
16.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the spra953 application report.
7.5 Electrical Characteristics
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC CONFIGURATION
AC input impedance
(PCM1820)
Input pins INxP or INxM
2.5
kΩ
AC input impedance
(PCM1821)
10
kΩ
PCM1820: ADC PERFORMANCE FOR LINE/MICROPHONE INPUT RECORDING : AVDD 3.3-V OPERATION
Differential input full-
scale AC signal voltage
AC-coupled input
2
VRMS
SNR
Signal-to-noise ratio, A-
weighted(1) (2)
IN1 differential input selected and AC signal
shorted to ground, DRE enabled (DRE_LVL = –
36 dB, DRE_MAXGAIN = 24 dB)
115
122
dB
IN1 differential input selected and AC signal
shorted to ground, DRE disabled
106
112
DR
Dynamic range, A-
weighted(2)
IN1 differential input selected and –60-dB full-
scale AC signal input, DRE enabled (DRE_LVL =
–36 dB, DRE_MAXGAIN = 24 dB)
123
dB
IN1 differential input selected and –60-dB full-
scale AC signal input, DRE disabled
113
THD+N
Total harmonic
distortion(2) (3)
IN1 differential input selected and –1-dB full-scale
AC signal input, DRE enabled (DRE_LVL = –36
dB, DRE_MAXGAIN = 24 dB)
–98
–80
dB
IN1 differential input selected and –1-dB full-scale
AC signal input, DRE disabled
–98
PCM1821: ADC PERFORMANCE FOR LINE/MICROPHONE INPUT RECORDING : AVDD 3.3-V OPERATION
Differential input full-
scale AC signal voltage
AC-coupled input
2
VRMS
SNR
Signal-to-noise ratio, A-
weighted(1) (2)
IN1 differential input selected and AC signal
shorted to ground
TBD
106
dB
DR
Dynamic range, A-
weighted(1) (2)
IN1 differential input selected and –60-dB full-
scale AC signal input
106
dB
IN1 differential input selected and –1-dB full-scale
AC signal input
–98
ADC OTHER PARAMETERS
Output data sample rate
7.35
192
kHz
PCM1820, PCM1821
SBASA61 – DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: PCM1820 PCM1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com