Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments PCM1820 Datasheet HTML 14Page - Texas Instruments PCM1820 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode, PLL on, DRE_LVL = –36 dB, channel gain = 0 dB, and linear phase decimation filter (unless otherwise
noted); all performance measurements are done with a 20-kHz, low-pass filter, and an A-weighted filter
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-130
-120
-110
-100
-90
-80
-70
-60
D007
Channel-1
Channel-2
Figure 7-7. PCM1820: Power-Supply Rejection Ratio vs
Ripple Frequency With a 100-mVPP Amplitude
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D008
Channel-1 : DRE enabled
Channel-2 : DRE enabled
Figure 7-8. PCM1820: FFT With Idle Input and DRE Enabled
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D009
Channel-1 : DRE disabled
Channel-2 : DRE disabled
Figure 7-9. PCM1820: FFT With Idle Input and DRE Disabled
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D010
Channel-1 : DRE enabled
Channel-2 : DRE enabled
Figure 7-10. PCM1820: FFT With a –60-dBr Input and DRE
Enabled
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D011
Channel-1 : DRE disabled
Channel-2 : DRE disabled
Figure 7-11. PCM1820: FFT With a –60-dBr Input and DRE
Disabled
Frequency (Hz)
20
30 4050 70 100
200 300
500
1000
2000
5000
10000
20000
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D012
Channel-1
Channel-2
Figure 7-12. PCM1820: FFT With a –1-dBr Input
www.ti.com
PCM1820, PCM1821
SBASA61 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: PCM1820 PCM1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com