Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output data sample
word length
32
Bits
Interchannel isolation
–1-dB full-scale AC-signal input to non
measurement channel
–124
dB
Interchannel gain
mismatch
–6-dB full-scale AC-signal input
0.1
dB
Gain drift
across temperature range 15°C to 35°C
–4.4
ppm/°C
Interchannel phase
mismatch
1-kHz sinusoidal signal
0.02
Degrees
Phase drift
1-kHz sinusoidal signal, across temperature
range 15°C to 35°C
0.0005
Degrees/°
C
PSRR
Power-supply rejection
ratio
100-mVPP, 1-kHz sinusoidal signal on AVDD,
differential input selected, 0-dB channel gain
102
dB
CMRR
Common-mode
rejection ratio
Differential microphone input selected, 100-mVPP,
1-kHz signal on both pins and measure level at
output
60
dB
DIGITAL I/O
VIL
Low-level digital input
logic voltage threshold
All digital pins except FMT0, IOVDD 1.8-V
operation
–0.3
0.30 ×
IOVDD
V
All digital pins except FMT0, IOVDD 3.3-V
operation
–0.3
0.8
FMT0 Pin
–0.3
0.8
V
VIH
High-level digital input
logic voltage threshold
All digital pins except FMT0, IOVDD 1.8-V
operation
0.7 ×
IOVDD
IOVDD +
0.3
V
All digital pins except FMT0, IOVDD 3.3-V
operation
2.1
IOVDD +
0.3
FMT0 Pin
2.1
AVDD +
0.3
V
VOL
Low-level digital output
voltage
All digital pins, IOL = –2 mA, IOVDD 1.8-V
operation
0.45
V
All digital pins, IOL = –2 mA, IOVDD 3.3-V
operation
0.4
VOH
High-level digital output
voltage
All digital pins, IOH = 2 mA, IOVDD 1.8-V
operation
IOVDD –
0.45
V
All digital pins, IOH = 2 mA, IOVDD 3.3-V
operation
2.4
IIH
Input logic-high leakage
for digital inputs
All digital pins, input = IOVDD
–5
0.1
5
µA
IIL
Input logic-low leakage
for digital inputs
All digital pins, input = 0 V
–5
0.1
5
µA
CIN
Input capacitance for
digital inputs
All digital pins
5
pF
RPD
Pulldown resistance for
digital I/O pins when
asserted on
20
kΩ
TYPICAL SUPPLY CURRENT CONSUMPTION
IAVDD
Current consumption
with all Clocks Disabled
AVDD = 3.3 V, internal AREG
TBD
µA
IIOVDD
All external clocks stopped, IOVDD = 3.3 V
TBD
IIOVDD
All external clocks stopped, IOVDD = 1.8 V
TBD
www.ti.com
PCM1820, PCM1821
SBASA61 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: PCM1820 PCM1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com