Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
7.6 Timing Requirements: TDM, I2S or LJ Interface
at TA = 25°C, IOVDD = 3.3 V or 1.8 V and 20-pF load on all outputs (unless otherwise noted); see Figure 3 for timing diagram
MIN
NOM
MAX
UNIT
t(BCLK)
BCLK period
40
ns
tH(BCLK)
BCLK high pulse duration (1)
18
ns
tL(BCLK)
BCLK low pulse duration (1)
18
ns
tSU(FSYNC)
FSYNC setup time
8
ns
tHLD(FSYNC)
FSYNC hold time
8
ns
tr(BCLK)
BCLK rise time
10% - 90% rise time
10
ns
tf(BCLK)
BCLK fall time
90% - 10% fall time
10
ns
(1)
The BCLK minimum high or low pulse duration must be higher than 25 ns (to meet the timing specifications), if the SDOUT data line is
latched on the opposite BCLK edge polarity than the edge used by the device to transmit SDOUT data.
7.7 Switching Characteristics: TDM, I2S or LJ Interface
at TA = 25°C, IOVDD = 3.3 V or 1.8 V and 20-pF load on all outputs (unless otherwise noted); see Figure 3 for timing diagram
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(SDOUT-BCLK)
BCLK to SDOUT delay
50% of BCLK to 50% of SDOUT
18
ns
td(SDOUT-FSYNC)
FSYNC to SDOUT delay in TDM
or LJ mode (for MSB data with
TX_OFFSET = 0)
50% of FSYNC to 50% of
SDOUT
18
ns
f(BCLK)
BCLK output clock frequency:
master mode (1)
24.576
MHz
tH(BCLK)
BCLK high pulse duration: master
mode
14
ns
tL(BCLK)
BCLK low pulse duration: master
mode
14
ns
td(FSYNC)
BCLK to FSYNC delay: master
mode
50% of BCLK to 50% of FSYNC
18
ns
tr(BCLK)
BCLK rise time: master mode
10% - 90% rise time
8
ns
tf(BCLK)
BCLK fall time: master mode
90% - 10% fall time
8
ns
(1)
The BCLK output clock frequency must be lower than 18.5 MHz (to meet the timing specifications), if the SDOUT data line is latched
on the opposite BCLK edge polarity than the edge used by the device to transmit SDOUT data.
www.ti.com
PCM1820, PCM1821
SBASA61 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: PCM1820 PCM1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com