Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 16Page - Texas Instruments PCM1820 Datasheet HTML 17Page - Texas Instruments PCM1820 Datasheet HTML 18Page - Texas Instruments PCM1820 Datasheet HTML 19Page - Texas Instruments PCM1820 Datasheet HTML 20Page - Texas Instruments PCM1820 Datasheet HTML 21Page - Texas Instruments PCM1820 Datasheet HTML 22Page - Texas Instruments PCM1820 Datasheet HTML 23Page - Texas Instruments PCM1820 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
8.3.6.2 Configurable Digital Decimation Filters
The device record channel includes a high dynamic range, built-in digital decimation filter to process the
oversampled data from the multibit delta-sigma (ΔΣ) modulator to generate digital data at the same Nyquist
sampling rate as the FSYNC rate. The decimation filter can be chosen from two different types only in slave
mode, depending on the required frequency response, group delay, and phase linearity requirements for the
target application. The selection of the decimation filter option can be done by the MD0 pin. Table 8-7 shows the
decimation filter mode selection for the record channel.
Table 8-7. Decimation Filter Mode Selection for the Record Channel
MD0
DECIMATION FILTER MODE SELECTION (Supported Only in Slave Mode)
LOW
Linear phase filters are used for the decimation in slave mode. For master mode, the device
always use linear phase filters for the decimation.
HIGH
Low latency filters are used for the decimation in slave mode. For master mode, the device
always use linear phase filters for the decimation.
8.3.6.2.1 Linear Phase Filters
The linear phase decimation filters are the default filters set by the device and can be used for all applications
that require a perfect linear phase with zero-phase deviation within the pass-band specification of the filter. The
filter performance specifications and various plots for all supported output sampling rates are listed in this
section.
8.3.6.2.1.1 Sampling Rate: 8 kHz or 7.35 kHz
Figure 8-9 and Figure 8-10 respectively show the magnitude response and the pass-band ripple for a decimation
filter with a sampling rate of 8 kHz or 7.35 kHz. Table 8-8 lists the specifications for a decimation filter with an
8-kHz or 7.35-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Figure 8-9. Linear Phase Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
Figure 8-10. Linear Phase Decimation Filter Pass-
Band Ripple
Table 8-8. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.454 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.58 × fS to 4 × fS
72.7
dB
Frequency range is 4 × fS onwards
81.2
Group delay or latency
Frequency range is 0 to 0.454 × fS
17.1
1/fS
PCM1820, PCM1821
SBASA61 – DECEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: PCM1820 PCM1821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com