Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1820 Datasheet HTML 1Page - Texas Instruments PCM1820 Datasheet HTML 2Page - Texas Instruments PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
1 Features
• Stereo high-performance ADC:
– 2-channel analog microphones or line-in
• ADC line and microphone differential input
performance:
– PCM1820 dynamic range:
• 123-dB, dynamic range enhancer enabled
• 113-dB, dynamic range enhancer disabled
– PCM1821 dynamic range: 106 dB
– THD+N: –98 dB
• ADC differential 2-VRMS full-scale input
• ADC sample rate (fS) = 8 kHz to 192 kHz
• Hardware pin control configurations
• Linear-phase or low-latency filter selection
• Flexible audio serial data interface:
– Master or slave interface selection
– 32-bits, 2-channel TDM
– 32-bits, 2-channel I2S
• Automatic power-down upon loss of audio clocks
• Integrated high-performance audio PLL
• Single-supply operation: 3.3 V
• I/O-supply operation: 3.3 V or 1.8 V
• Power consumption for 3.3-V AVDD supply:
– TBD mW/channel at 16-kHz sample rate
– TBD mW/channel at 48-kHz sample rate
2 Applications
• Smart speakers
• DVD recorders and players
• AV receivers
• Video conference systems
• IP network cameras
3 Description
The PCM182x is a high-performance, Burr-Brown™
audio analog-to-digital converter (ADC) that supports
simultaneous sampling of up to two analog channels.
The device supports differential line and microphone
inputs with a 2-VRMS full-scale signal. The device
integrates a phase-locked loop (PLL), a DC removal
high-pass filter (HPF), and supports sample rates up
to 192 kHz. The device supports time-division
multiplexing (TDM) or I2S audio formats, selectable
with the hardware pin level. Additionally, the
PCM182x supports master and slave mode selection
for the audio bus interface operation. These
integrated high-performance features, along with the
ability to be powered from a single supply of 3.3 V,
make the device an excellent choice for cost-
sensitive, space-constrained audio systems in far-field
microphone recording applications.
The PCM182x is specified from –40°C to +125°C, and
is offered in a 20-pin WQFN package.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCM182x
WQFN (20)
3.00 mm × 3.00 mm with
0.5-mm pitch
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
ADC
Channel-1
Digital
Decimation
Filters
with High Pass
Filter (HPF)
Audio Serial
Interface
(TDM, I2S)
BCLK
FSYNC
SDOUT
IN1M
IN1P
IN2M
IN2P
ADC
Channel-2
Regulators, Current Bias
and Voltage Reference
Clock and Timing
Controller with
Integrated PLL
Simplified Block Diagram
www.ti.com
PCM1820, PCM1821
SBASA61 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: PCM1820 PCM1821
PCM1820, PCM1821
SBASA61 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PCM1820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1820 TI-PCM1820 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
5Mb / 120P
TLV320ADC3120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
5Mb / 130P
TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1820 TI-PCM1820 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
More results

Similar Description - PCM1820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1820-Q1 TI-PCM1820-Q1 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
PCM1822 TI-PCM1822 Datasheet
2Mb / 41P
PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM1820-Q1 TI-PCM1820-Q1_V01 Datasheet
3Mb / 44P
PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1822-Q1 TI-PCM1822-Q1_V01 Datasheet
3Mb / 44P
PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com