| Electronic Components Datasheet Search |
|
ZSSC3123AI2R Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3123AI2R Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 67 page ![]() ZSSC3123 Datasheet © 2018 Integrated Device Technology, Inc. 33 August 16, 2018 10.4.1 EEPROM Error Detection and Correction The contents of the EEPROM are protected via error checking and correction (ECC). Each of the 32 16-bit words contains 6 parity bits enabling single-bit error correction (SEC) and double-bit error detection (DED) per word. In Command Mode both SEC and DED errors are reported in the response byte (see section 11.3). If the fetched EEPROM data has a DED error, then the fetched data will be incorrect; however, if a SEC error was reported then the fetched data has been corrected, and it is the user’s choice to write the data back to attempt to correct the error. During Normal Operation Mode, a diagnostic will be flagged on any DED error, but an SEC error will be automatically corrected and not flagged as a diagnostic. 10.4.2 Alarm Diagnostics The alarm outputs do not report diagnostics. If diagnostics are needed with alarm outputs, then either digital or PDM outputs must also be used. 10.5 Output Modes The ZSSC3123 has four different output modes as shown in the following table. See the corresponding reference sections for specifics on each mode. Table 19. Output Modes Output Mode Reference Sections I2C Section 10.6 Read only SPI PDM Section 10.7 Alarms Section 10.8 As illustrated in the pin configuration in section 1, the output communication modes share pins. The Output_Selection bits in EEPROM word ZMDI_Config (see section 12.1) select which of these outputs will be enabled. The following table shows the pin configuration for the different output selections. Table 20. Pin Assignment for Output Selections Pin Output Selection I2C (001BIN) SPI (011BIN) PDM_C (100BIN) PDM_C+T (110BIN) Pin 8 Alarm_Low Alarm_Low Alarm_Low PDM_T Pin 9 Alarm_High Alarm_High Alarm_High Alarm_High Pin 10 Ready Ready PDM_C PDM_C Pin 12 SDA MISO SDA SDA Pin 13 SCL SCLK SCL SCL Pin 14 No input SS No input No Input |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |