Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2R Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ZSSC3123AI2R
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 44Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 45Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 46Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 47Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 48Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 49Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 50Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 51Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
48
August 16, 2018
12.1 IDT Configuration Register (ZMDI_Config, EEPROM Word 02HEX)
This register is loaded at power-on reset and upon exiting Command Mode using a Start_NOM command.
Table 29. ZMDI_Config Bit Assignments
Bit Range
IC Default
Name
Description and Notes
0
0BIN
Measurement_Mode
0 = Update Mode
1 = Sleep Mode
2:1
00BIN
Power_Down_Period
Power Down Period: [a]
00BIN = 0ms
01BIN = 5ms
10BIN = 25ms
11BIN = 125ms
3
0BIN
Scale_Sot_Tc
Scales the SOT TC Terms:
0 = Scale
 1
1 = Scale
 2
4
0BIN
Gain4x_C
Multiply Gain_1 and Gain_2 by
0 = multiply by 1
1 = multiply by 4
7:5
000BIN
EEPROM_lock
011BIN = locked
All other = unlocked
When EEPROM is locked, the internal charge pump is disabled
and the EEPROM can no longer be programmed.
Note: If the EEPROM was accidentally locked, see section 12 for
instructions for unlocking it.
10:8
011BIN
Comm_lock
011BIN = locked
All other = unlocked
When communication is locked, I2C communication will only
respond to its programmed address; otherwise if communication is
unlocked, I2C will respond to any address.
13:11
001BIN
Output_Selection
001BIN = I2C
011BIN = SPI
100BIN = PDM Capacitance (+ 2 alarms)
110BIN = PDM Capacitance + Temperature (+ 1 alarm)
All other configurations are not allowed
See Table 20 for more details.
14
0BIN
Third_order
0 = Piece-wise linear calibration with breakpoint
1 = Third-order calibration
15
0BIN
Not Available
Do Not Change – must leave at factory settings
[a] All time values shown are typical; for the worst case values, multiply by 1.1 (nominal frequency ±10%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com