Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSSC3123AI2R
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSSC3123AI2R Datasheet HTML 1Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 2Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 3Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 4Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 5Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 6Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 7Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 8Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
cLite™ Capacitive Sensor Signal Conditioner
ZSSC3123
Datasheet
© 2018 Integrated Device Technology, Inc.
1
August 16, 2018
Description
The ZSSC3123 is a CMOS integrated circuit for accurate capaci-
tance-to-digital conversion and sensor-specific correction of
capacitive sensor signals. Digital compensation of sensor offset,
sensitivity, and temperature drift is accomplished via an internal
digital signal processor running a correction algorithm with cali-
bration coefficients stored in a non-volatile EEPROM.
The ZSSC3123 is configurable for capacitive sensors with capaci-
tances up to 260pF and a sensitivity of 125aF/LSB to 1pF/LSB
depending on resolution, speed, and range settings. It is com-
patible with both single capacitive sensors (both terminals must be
accessible) and differential capacitive sensors. Measured and
corrected sensor values can be output as I2C, SPI, pulse density
modulation (PDM), or alarms.
The I2C interface can be used for a simple PC-controlled cali-
bration procedure to program a set of calibration coefficients into
an on-chip EEPROM. The calibrated ZSSC3123 and a specific
sensor are mated digitally: fast, precise, and without the cost
overhead of trimming by external devices or laser.
Available Support
ZSSC3123 SSC Evaluation Kit available: SSC Evaluation
Board, samples, software, documentation.
Support for industrial mass calibration available.
Quick circuit customization option for large production
volumes.
Application: Digital Output, Alarms
VSUPPLY
(2.3V to 5.5V)
GND
0.1µF
VDD
Vcore
Ready
VSS
SDA/MIS O
SCL/SCLK
C0
SS
Alarm_High
CC
Alarm_Low
cLite
ZSSC3123
0.1µF
Features
Maximum target input capacitance: 260pF
Sampling rates as fast as 0.7ms at 8-bit resolution; 1.6ms at
10-bit; 5.0ms at 12-bit; 18.5ms at 14-bit
Digital compensation of sensor: piece-wise 1st and 2nd order
sensor compensation or up to 3rd order single-region sensor
compensation
Digital compensation of 1st and 2nd order temperature gain
and offset drift
Internal temperature compensation reference (no external
components)
Programmable capacitance span and offset
Layout customized for die-die bonding with sensor for low-
cost, high-density chip-on-board assembly
Accuracy as high as ±0.25% FSO at -40°C to 125°C, 3V, 5V,
Vsupply ±10% (see data sheet section 5 for restrictions)
Minimized calibration costs: no laser trimming, one-pass
calibration using a digital interface
Wide capacitance range to support a broad portfolio of
different sensor elements
Excellent for low-power battery applications
I2C or SPI interface—easy connection to a microcontroller
PDM outputs (Filtered Analog Ratiometric) for both
capacitance and temperature
Up to two alarms that can act as full push-pull or open-drain
switches
Supply voltage: 2.3V to 5.5V
Typical current consumption 750μA down to 60μA depending
on configuration
Typical Sleep Mode current: ≤ 1μA at 85°C
Operation temperature: –40°C to +125°C depending on part
code
Die or 4.4
 5.0 mm 14-TSSOP package


Similar Part No. - ZSSC3123AI2R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3123AI2R RENESAS-ZSSC3123AI2R Datasheet
1Mb / 62P
cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
More results

Similar Description - ZSSC3123AI2R

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3122 ETC2-ZSSC3122 Datasheet
996Kb / 64P
Low Voltage Capacitive Sensor Signal Conditioner
ZSSC3123 ETC2-ZSSC3123 Datasheet
1Mb / 68P
Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
Capacitive Sensor Signal Conditioner
ZSSC3122 IDT-ZSSC3122 Datasheet
911Kb / 64P
Low-Voltage Capacitive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3123 RENESAS-ZSSC3123_V01 Datasheet
1Mb / 62P
cLiteTM Capacitive Sensor Signal Conditioner
Nov 19, 2021
ZSSC3122 RENESAS-ZSSC3122 Datasheet
1Mb / 59P
cLite™ Low-Voltage Capacitive Sensor Signal Conditioner
June 8, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com