Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2R Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # ZSSC3123AI2R
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 53Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 54Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 55Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 56Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 57Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 58Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 59Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 60Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
57
August 16, 2018
14.3 Bang-Bang Control System
In this example, the only outputs are the alarm pins. They are programmed to control a high voltage bang-bang humidity control system. External
devices are not needed if not using high voltage.
If the humidity gets too high, the ZSSC3123 activates the dehumidifier using the Alarm_High pin. If the humidity gets too low, it activates the
humidifier with the Alarm_Low pin. The alarm registers must be set to appropriate trip and hysteresis points (see section 3.8). The configuration
settings are shown in Table 36.
The output selection bits should either be set to I2C or SPI since, depending on the PDM configuration, both alarms are not supported.
Additionally, I2C and SPI are lower power than PDM. This application does not use I2C or SPI, so Update Mode must be used because Sleep
Mode commands cannot be sent. The fastest update rate is used for this example. External devices are needed to control the outputs because
a voltage source greater than VDD is used.
The alarm pins control NMOS devices so the alarm pins must be full push-pull and output high when the alarm is on, so the polarity bits are set
to 0 and the open-drain bits are set to 0.
In this example application, a faster response time may be needed, so the AFE configuration settings show 10-bit resolution for both capacitance
and internal temperature. C_Config settings have been selected for a capacitance range of 5.8pF to 7.2pF (see Table 6).
Figure 29. Bang-Bang Control System Example
Dehumidifier
GND
GND
0.1µF
V supply +2.3V to 5.5V
Humidifier
GND
12V
12V
VDD
Vcore
VSS
Alarm_High
C0
Alarm_Low
CC
cLite
ZSSC3123
0.1µF
Table 36. Example 3: Configuration Settings
Configuration Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ZMDI_Config (Table 29)
0†
0
0
0
1
0
1
1
0
0
0
X
X
0
0
0
Cust_Config (Table 32)
0†
0†
0
0
0
0
0
0
0
0
1
0
1
0
0
0
C_Config (Table 30)
0†
0
0
0
0
1
0†
0†
0†
0†
1
0
0
0
0
1
T_Config (Table 31)
1†
0†
0†
0†
0
1
0†
1*
1*
0*
0*
1*
0*
0*
1*
0*
*
The factory settings are set for a full span temperature range from -40°C to +125°C. Do not change this setting unless a different temperature
range is needed.
† Reserved setting – do not change factory settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com