Electronic Components Datasheet Search
  English  ▼

X  

F0440 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F0440 Datasheet HTML 1Page - Renesas Technology Corp F0440 Datasheet HTML 2Page - Renesas Technology Corp F0440 Datasheet HTML 3Page - Renesas Technology Corp F0440 Datasheet HTML 4Page - Renesas Technology Corp F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
3
August 13, 2020
Pin Descriptions
Table 2. Pin Descriptions
Number
Name
Description
1
RFin_A
RF Path A input internally matched to 50 Ω. Must use external DC block.
2, 8, 15, 16,
17, 29, 30,
31
GND
Ground these pins.
3
VCTRL0_A 1bit DSA0 6dB attenuator control for path A
4
SPI Data[a]
Data input: 3.3V or 1.8V CMOS compatible.
5
SPI Clk[a]
Clock input: 3.3V or 1.8V CMOS compatible.
6, 21, 23, 25
VCC
+5V Power Supply. Use bypass capacitors as close to pin as possible.
7
VCTRL0_B 1bit DSA0 6dB attenuator control for path B
9
RFin_B
RF Path B input internally matched to 50 Ω. Must use external DC block.
10, 18, 20,
26, 28, 36
NC
No internal connection. Can be either left open or connected to GND (recommended)
11
SPI CSb_B[a] Chip Select bar input path B: 3.3V or 1.8V CMOS compatible. Logic LOW shifts data.
12
STBY_B
Standby (Low/Open = device power ON, High = device power OFF with SPI still powered ON). A pull-
down resistor connects between input and GND.
13
VCTRL1_B See separate attenuation logic table for Path B DSA2.
14
VCTRL2_B See separate attenuation logic table for Path B DSA2.
19
RFout_B
RF output Path B. Use external DC block as close to the pin as possible.
22
RDset
Connect external resistor to GND to optimize amplifier bias. Used with pin 24.
24
Rset
Connect external resistor to GND to optimize amplifier bias. Used with pin 22.
27
RFout_A
RF output Path A. Use external DC block as close to the pin as possible.
32
VCTRL2_A See separate attenuation logic table for Path A DSA2.
33
VCTRL1_A See separate attenuation logic table for Path A DSA2.
34
STBY_A
Standby (Low/Open = device power ON, High = device power OFF with SPI still powered ON). A pull-
down resistor connects between input and GND.
35
SPI CSb_A[a] Chip Select bar input path A: 3.3V or 1.8V CMOS compatible. Logic LOW shifts data.
— EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses multiple
ground vias to provide heat transfer out of the device into the PCB ground planes. These multiple ground
vias are also required to achieve the noted RF performance.
a. See Serial Control Word section for description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com