Electronic Components Datasheet Search
  English  ▼

X  

F0440 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 2Page - Renesas Technology Corp F0440 Datasheet HTML 3Page - Renesas Technology Corp F0440 Datasheet HTML 4Page - Renesas Technology Corp F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp F0440 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
6
August 13, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Serial Clock Speed
SPICLK
10
MHz
CSb_A, CSb_B to first serial
clock rising edge
A
SPI 3 wire Bus. 50% of CSb falling
edge to 50% of CLK rising edge.
10
ns
Serial Data Hold Time
B
SPI 3 wire Bus. 50% of CLK rising
edge to 50% of Data falling edge.
10
ns
Final serial clock rising edge to
CSb
C
SPI 3 wire Bus. 50% of CLK rising
edge to 50% of CSb rising edge.
10
ns
DSA0 Phase Settling Time
ATT0_PH_0to6 50% CTL to within 1 degree of final
value, 0 dB state to 6 dB state
24
35
ns
ATT0_PH_6to0 50% CTL to within 1 degree of final
value, 6 dB state to 0 dB state
18
35
ns
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. During standby mode, SPI is to be left ON and previous state shall be maintained when device is powered up.
d. Time for the gain to settle within ± 0.1 dB and relative to SPI command latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com