Electronic Components Datasheet Search
  English  ▼

X  

F0440 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp F0440 Datasheet HTML 10Page - Renesas Technology Corp F0440 Datasheet HTML 11Page - Renesas Technology Corp F0440 Datasheet HTML 12Page - Renesas Technology Corp F0440 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
9
August 13, 2020
Table 7. Electrical Characteristics – Lowband Performance
See F0440 Typical Application Circuit. Specifications apply operated as a dual-path RF DVGA unless otherwise noted, VCC = +5V,
TC = +25 °C, FRF = 900MHz, Max gain setting, output power = 0dBm / tone, ZRFI = ZRFO = 50 Ω, the evaluation board and connector losses
are de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
RF input return loss
RLIN_LB
16
dB
RF output return loss
RLOut_LB
20
dB
Gain
GMAX_LB
10.9
11.6
12.2
dB
GMIN_LB
Maximum attenuation
-36.4
-34.9
-33.4
GTEMP_LB
Variation over Temperature
0.6
GVAR_LB
Variation over frequency[c]
0.1
DSA0 Absolute Error
GDSA0SE_LB Relative to maximum gain
± 0.2
dB
DSA1 Step Error
GDSA1SE_LB Between adjacent states
± 0.03
dB
DSA1 Absolute Error
GDSA1ABS_LB Relative to maximum gain
± 0.35
dB
DSA2 Step Error
GDSA2SE_LB Between adjacent states
± 0.03
dB
DSA2 Absolute Error
GDSA2ABS_LB Relative to maximum gain
± 0.06
dB
Relative Phase DSA0
GPH_DSA0_LB
0.7
Deg
Phase Deviation DSA1
GPH_DSA1_LB Between adjacent states
0.26
Deg
Relative Phase DSA2
GPH_ DSA2_LB Between any two states
2.5
Deg
Noise Figure
NFLB
4.7
dB
NFLB_HOT
Tcase = +105 °C
5.4
NFLB_RG
DSA1 22dB attenuation
27
Output Third Order Intercept Point
OIP3_LB-1
1 MHz tone separation
38.5
40
dBm
OIP3_LB-2
1 MHz tone separation
Pout = -10dBm/tone
39
OIP3_LB-6dB 1 MHz tone separation
DSA0 full attenuation
40
OIP3_LB-3
1 MHz tone separation
Worst case over temp range
38
39
OIP3_LB_18dB
Pout = -18dBm / tone
1 MHz tone separation
DSA2 full 18dB attenuation
22
Input 1dB Compression d
IP1dB_LB
Full attenuation
27
dBm
Output 1dB Compression
OP1dB_LB
18.4
20.2
dBm
Output 1dB Compression
Degradation
OP1_DEG_LB
OP1dB_DEGLB=
OP1dBLB(DSA2 =0dB atten)
- ATTNLB_DSA2_MAX
- OP1dBLB(DSA2=max atten)
0.05
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com