Electronic Components Datasheet Search
  English  ▼

X  

F0440 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 3Page - Renesas Technology Corp F0440 Datasheet HTML 4Page - Renesas Technology Corp F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp F0440 Datasheet HTML 10Page - Renesas Technology Corp F0440 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
7
August 13, 2020
Table 6. Electrical Characteristics – 450MHz Performance
See F0440 Typical Application Circuit. Specifications apply operated as a dual-path RF DVGA unless otherwise noted, VCC = +5V,
TC = +25 °C, FRF = 450MHz, Max gain setting, output power = 0dBm / tone, ZRFI = ZRFO = 50 Ω, the evaluation board and connector losses
are de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
RF input return loss
RLIN_450
11
dB
RF output return loss
RLOut_450
14.5
dB
Gain
GMAX_450
11
dB
GMIN_450
Maximum attenuation
-35
GTEMP_450
Variation over Temperature
0.7
DSA0 Absolute Error
GDSA0SE_450 Relative to maximum gain
± 0.07
dB
DSA1 Step Error
GDSA1SE_450 Between adjacent states
± 0.05
dB
DSA1 Absolute Error
GDSA1ABS_450 Relative to maximum gain
± 0.15
dB
DSA2 Step Error
GDSA2SE_450 Between adjacent states
± 0.11
dB
DSA2 Absolute Error
GDSA2ABS_450 Relative to maximum gain
± 0.25
dB
Relative Phase DSA0
GPH_DSA0_450
1.7
Deg
Phase Deviation DSA1
GPH_DSA1_450 Between adjacent states
0.16
Deg
Relative Phase DSA2
GPH_ DSA2_450 Between any two states
7.7
Deg
Noise Figure
NF450
5
dB
NF450_HOT
Tcase = +105 °C
5.7
NF450_RG
DSA1 22dB attenuation
27.7
Output Third Order Intercept Point
OIP3_450-1
1 MHz tone separation
38
dBm
OIP3_450-2
1 MHz tone separation
Pout = -10dBm/tone
35
OIP3_450-6dB 1 MHz tone separation
DSA0 full attenuation
38
OIP3_450-3
1 MHz tone separation
Worst case over temp range
37
OIP3_450_18dB
Pout = -18dBm / tone
1 MHz tone separation
DSA2 full 18dB attenuation
20
Input 1dB Compression d
IP1dB_450
Full attenuation
30
dBm
Output 1dB Compression
OP1dB_450
19.4
dBm
Output 1dB Compression
Degradation
OP1_DEG_450
OP1dB_DEG450=
OP1dB450(DSA2 =0dB atten)
- ATTN450_DSA2_MAX
- OP1dB450(DSA2=max atten)
0.4
dB
Output 0.2dB Compression
OP0.2dB_450
18.2
dBm
Output Saturated Power
PSAT_450
3 dB compression
20.1
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com