Electronic Components Datasheet Search
  English  ▼

X  

F0440 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp F0440 Datasheet HTML 10Page - Renesas Technology Corp F0440 Datasheet HTML 11Page - Renesas Technology Corp F0440 Datasheet HTML 12Page - Renesas Technology Corp F0440 Datasheet HTML 13Page - Renesas Technology Corp F0440 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
10
August 13, 2020
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Output 0.2dB Compression
OP0.2dB_LB
18.7
dBm
Output Saturated Power
PSAT_LB
3 dB compression
20.9
dBm
Reverse Isolation
REVISO_LB
20
20.5
dB
Path Isolation
PATHISO_LB
RFOUT_B vs. RFOUT_A w/
signal applied to RFIN_A
43
45
dB
Same gain settings over PVT
45
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. Including frequency and ripple variations valid within each individual 3GPP band
d. Input 1dB compression point is a linearity figure of merit. Refer to Abs Max Ratings table for maximum RF input power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com