Electronic Components Datasheet Search
  English  ▼

X  

F0440 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 450MHz to 2700MHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F0440 Datasheet HTML 1Page - Renesas Technology Corp F0440 Datasheet HTML 2Page - Renesas Technology Corp F0440 Datasheet HTML 3Page - Renesas Technology Corp F0440 Datasheet HTML 4Page - Renesas Technology Corp F0440 Datasheet HTML 5Page - Renesas Technology Corp F0440 Datasheet HTML 6Page - Renesas Technology Corp F0440 Datasheet HTML 7Page - Renesas Technology Corp F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
F0440 Datasheet
© 2020 Renesas Electronics Corporation
4
August 13, 2020
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the F0440 at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VCC to GND
VCC
-0.3
+5.5
V
SPI Data, SPI CSb_A, CSb_B, SPI Clk, VCTRL0_A,
VCTRL0_B
VCtrl1
-0.3
Minimum
( VCC, 3.6 )
V
STBY_A, STBY_B, VCTRL1_A, VCTRL1_B,
VCTRL2_A, VCTRL2_B
VCtrl2
-0.3
VCC + 0.25
V
RDset
IR1
+1.5
mA
Rset
IR2
+0.8
mA
RFin_A, RFin_B externally applied DC voltage
VRFin
+1.4
+3.6
V
RFout_A, RFout_B, externally applied DC voltage
VRFout
+1.4
+3.6
V
RF Input Power (RFin_A, RFin_B) applied for 24 hours
maximum[a]
Pin1
+22
dBm
Continuous Power Dissipation
Pdiss
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tst
-65
150
°C
Lead Temperature (soldering, 10s)
260
°C
ElectroStatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
Class 1C
(1500 V)
ElectroStatic Discharge – CDM
(JEDEC 22-C101F)
Class C3
(1000 V)
a. Exposure to these maximum RF levels can result in significant Vcc current draw due to
overdriving the amplifier stages.
Recommended Operating Conditions
Table 4. Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Supply Voltage(s)
VCC
All VCC pins
4.75
5.25
V
Operating Temperature Range
TCASE
Exposed Paddle Temperature
-40
+105
°C
RF Frequency Range
FRF
Operating Range
450
2700
MHz
RF Source Impedance
ZRFI
Single Ended
50
Ω
RF Load Impedance
ZRFO
Single Ended
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com