Electronic Components Datasheet Search
  English  ▼

X  

F2970 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2970
Description  75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2970 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2970 Datasheet HTML 1Page - Renesas Technology Corp F2970 Datasheet HTML 2Page - Renesas Technology Corp F2970 Datasheet HTML 3Page - Renesas Technology Corp F2970 Datasheet HTML 4Page - Renesas Technology Corp F2970 Datasheet HTML 5Page - Renesas Technology Corp F2970 Datasheet HTML 6Page - Renesas Technology Corp F2970 Datasheet HTML 7Page - Renesas Technology Corp F2970 Datasheet HTML 8Page - Renesas Technology Corp F2970 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
F2970 Datasheet
© 2016 Integrated Device Technology, Inc.
3
November 11, 2016
Absolute Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. Functional operation of the device at these or any other
conditions beyond those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VDD to GND
VDD
-0.3
4.0
V
C1, C2 to GND
Vlogic
-0.3
Lower of
(VDD+0.3, 3.9)
V
RF1, RF2, RFC to GND
VRF
-0.3
+0.3
V
Maximum Input CW Power [a]
RF1 or RF2 as an input
(Connected to RFC)
PABS
30
dBm
RFC as an input
(Connected to RF1 or RF2)
30
RF1 or RF2 as an input
(Terminated states)
26
Maximum Junction Temperature
Tjmax
140
°C
Storage Temperature Range
TST
-65
150
°C
Lead Temperature (soldering, 10s)
TLEAD
260
°C
ElectroStatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2000
(Class 2)
V
ElectroStatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
1500
(Class C3)
V
a. Levels based on: VDD = 2.7 V to 3.6 V, 5 MHz
≤ FRF ≤ 3000 MHz, Tc = 105 °C, ZS = ZL = 75 ohms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com