Electronic Components Datasheet Search
  English  ▼

X  

F2970 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F2970
Description  75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2970 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F2970 Datasheet HTML 6Page - Renesas Technology Corp F2970 Datasheet HTML 7Page - Renesas Technology Corp F2970 Datasheet HTML 8Page - Renesas Technology Corp F2970 Datasheet HTML 9Page - Renesas Technology Corp F2970 Datasheet HTML 10Page - Renesas Technology Corp F2970 Datasheet HTML 11Page - Renesas Technology Corp F2970 Datasheet HTML 12Page - Renesas Technology Corp F2970 Datasheet HTML 13Page - Renesas Technology Corp F2970 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
F2970 Datasheet
© 2016 Integrated Device Technology, Inc.
10
November 11, 2016
Typical Performance Characteristics [3]
Figure 16. Evaluation Board Loss vs. Frequency
over Temperature
Figure 17. Eval Board Through Line Return Loss
vs. Frequency over Temperature
Figure 18. Switching Time Insertion Loss to
Isolation
Figure 19. Switching Time Isolation to
Insertion Loss
Figure 20. Idd vs. Control Voltage; VDD=2.7V
(C1 set to GND and VDD)
Figure 21. Idd vs. Control Voltage; VDD=2.7V
(C1 set to 0.6V and 2.1V)
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
105C
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40C
25C
105C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
0.5
1
1.5
2
2.5
3
C2 Voltage (V)
C1=GND -40C
C1=VDD -40C
C1=GND 25C
C1=VDD 25C
C1=GND 105C
C1=VDD 105C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
0.5
1
1.5
2
2.5
3
C2 Voltage (V)
C1=0.6V -40C
C1=2.1V -40C
C1=0.6V 25C
C1=2.1V 25C
C1=0.6V 105C
C1=2.1V 105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com