Electronic Components Datasheet Search
  English  ▼

X  

F2970 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F2970
Description  75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2970 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F2970 Datasheet HTML 1Page - Renesas Technology Corp F2970 Datasheet HTML 2Page - Renesas Technology Corp F2970 Datasheet HTML 3Page - Renesas Technology Corp F2970 Datasheet HTML 4Page - Renesas Technology Corp F2970 Datasheet HTML 5Page - Renesas Technology Corp F2970 Datasheet HTML 6Page - Renesas Technology Corp F2970 Datasheet HTML 7Page - Renesas Technology Corp F2970 Datasheet HTML 8Page - Renesas Technology Corp F2970 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
F2970 Datasheet
© 2016 Integrated Device Technology, Inc.
5
November 11, 2016
Electrical Characteristics
Table 4. Electrical Characteristics
Typical Application Circuit: VDD = 3.0 V, TC = +25 °C, FRF = 1200 MHz, Driven Port = RF1 or RF2, Input Power = 0 dBm, ZS = ZL = 75 ohms.
PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input High Threshold [c]
VIH
2.7 V
≤ VDD ≤ 3.6 V
0.7 x VDD [a]
VDD
V
Logic Input Low Threshold [c]
VIL
-0.3 [b]
0.3 x VDD
V
Logic Current
IIH, IIL
For each control pin
180
500
nA
VDD DC Current [c]
IDD
Logic Inputs at GND or VDD
20
30
µA
Insertion Loss
IL
5 – 250 MHz
0.25
dB
250 – 750 MHz
0.30
750 – 1000 MHz
0.30
1000 – 1200 MHz
0.32
0.57
1200 – 2000 MHz
0.32
2000 – 3000 MHz
0.35
Isolation
(RFC to RF1 / RF2)
ISORFC
5 – 250 MHz
79
84
dB
250 – 750 MHz
69
74
750 – 1000 MHz
67
72
1000 – 1200 MHz
65
70
1200 – 2000 MHz
62
67
2000 – 3000 MHz
57
Isolation
(RF1 to RF2)
ISOR12
5 – 250 MHz
79
84
dB
250 – 750 MHz
69
74
750 – 1000 MHz
66
71
1000 – 1200 MHz
63
68
1200 – 2000 MHz
57
62
2000 – 3000 MHz
53
RF1, RF2, RFC Return Loss
(Insertion Loss State)
RLIL
5 – 250 MHz
25
dB
250 – 750 MHz
20
750 – 1000 MHz
18
1000 – 1200 MHz
18
1200 – 2000 MHz
18
2000 – 3000 MHz
18
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. Increased IDD current will result if logic low level is above ground and up to VIL max. Similarly, increased IDD current will
result if logic high level is below VDD and down to VIH min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com