Electronic Components Datasheet Search
  English  ▼

X  

F2970 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F2970
Description  75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2970 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F2970 Datasheet HTML 1Page - Renesas Technology Corp F2970 Datasheet HTML 2Page - Renesas Technology Corp F2970 Datasheet HTML 3Page - Renesas Technology Corp F2970 Datasheet HTML 4Page - Renesas Technology Corp F2970 Datasheet HTML 5Page - Renesas Technology Corp F2970 Datasheet HTML 6Page - Renesas Technology Corp F2970 Datasheet HTML 7Page - Renesas Technology Corp F2970 Datasheet HTML 8Page - Renesas Technology Corp F2970 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
F2970 Datasheet
© 2016 Integrated Device Technology, Inc.
4
November 11, 2016
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
VDD
2.7
3.6
V
Operating Temp Range
TCASE
Exposed Paddle Temperature
-40
+105
°C
RF Frequency Range
FRF
5
3000
MHz
RF Continuous
Input CW Power
(Non-Switched) [a]
PRF
RFC connected to RF1 or RF2
TC = 85°C
27
dBm
TC = 105°C
27
RF1 / RF2 Input, Terminated
State
TC = 85°C
24
TC = 105°C
21
RF Continuous
Input Power
(RF Hot Switching CW) [a]
PRFSW
RFC Input switching between
RF1 and RF2
TC = 85°C
21
dBm
TC = 105°C
21
RF1 or RF2 as input, switched
between RFC and Term.
TC = 85°C
17
TC = 105°C
17
RF1 Port Impedance
ZRF1
Single ended
75
Ω
RF2 Port Impedance
ZRF2
Single ended
75
RFC Port Impedance
ZRFC
Single ended
75
a. Levels based on: VDD = 2.7 V to 3.6 V, 5 MHz
≤ FRF ≤ 3000 MHz, ZS = ZL = 75 ohms. See Figure 3 for power handling
derating vs RF frequency.
Figure 3. Maximum RF Input Operating Power vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com