Electronic Components Datasheet Search
  English  ▼

X  

F2970 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2970
Description  75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2970 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2970 Datasheet HTML 2Page - Renesas Technology Corp F2970 Datasheet HTML 3Page - Renesas Technology Corp F2970 Datasheet HTML 4Page - Renesas Technology Corp F2970 Datasheet HTML 5Page - Renesas Technology Corp F2970 Datasheet HTML 6Page - Renesas Technology Corp F2970 Datasheet HTML 7Page - Renesas Technology Corp F2970 Datasheet HTML 8Page - Renesas Technology Corp F2970 Datasheet HTML 9Page - Renesas Technology Corp F2970 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
F2970 Datasheet
© 2016 Integrated Device Technology, Inc.
6
November 11, 2016
Electrical Characteristics
Table 5. Electrical Characteristics
Typical Application Circuit: VDD = 3.0 V, TC = +25 °C, FRF = 1200 MHz, Driven Port = RF1 or RF2, Input Power = 0 dBm, ZS = ZL = 75 ohms.
PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
RF1, RF2 Return Loss
(Terminated State)
RLTERM
5 – 250 MHz
27
dB
250 – 750 MHz
22
750 – 1000 MHz
20
1000 – 1200 MHz
20
1200 – 2000 MHz
20
2000 – 3000 MHz
17
Input 1dB Compression [c]
ICP1dB
5 – 250 MHz
29 [b]
31
dBm
250 – 2000 MHz
30
32
Input IP2
(Insertion Loss State)
IIP2
Pin = 13 dBm / tone
(F1 + F2 Frequency)
F1 = 5 MHz
F2 = 6 MHz
95
dBm
F1 = 185 MHz
F2 = 190 MHz
103
F1 = 895 MHz
F2 = 900 MHz
129
Input IP3
(Insertion Loss State)
IIP3
Pin = 13 dBm / tone
F1 = 5 MHz
F2 = 6 MHz
63
dBm
F1 = 185 MHz
F2 = 190 MHz
63
F1 = 1790 MHz
F2 = 1795 MHz
63
CTB / CSO
77 & 110 channels
POUT = 44 dBmV
-90
dBc
Non-RF Driven Spurious [d]
SpurMAX
Out any RF port when externally
terminated into 75 Ω
-128
dBm
Switching Time [e]
TSW
50% control to 90% RF
2.7
µs
50% control to 10% RF
2.7
Maximum Switching Rate [f]
SWRATE
25
kHz
Maximum Video Feed-through
on RF Ports
VIDFT
Peak transient during switching
measured with 20 ns risetime,
0 to 3.3 V control pulse
Rise
1.0
mVpp
Fall
1.5
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. The input 1 dB compression point is a linearity figure of merit. Refer to the Recommended Operating Conditions
section and Figure 3 for the maximum operating power levels.
d. Spurious due to on-chip negative voltage generator. Spurious fundamental = approx. 2.2 MHz.
e. FRF = 1000 MHz.
f. Minimum time required between switching of states = 1/ (Maximum Switching Rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com