Electronic Components Datasheet Search
  English  ▼

X  

F2970 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2970
Description  75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2970 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2970 Datasheet HTML 4Page - Renesas Technology Corp F2970 Datasheet HTML 5Page - Renesas Technology Corp F2970 Datasheet HTML 6Page - Renesas Technology Corp F2970 Datasheet HTML 7Page - Renesas Technology Corp F2970 Datasheet HTML 8Page - Renesas Technology Corp F2970 Datasheet HTML 9Page - Renesas Technology Corp F2970 Datasheet HTML 10Page - Renesas Technology Corp F2970 Datasheet HTML 11Page - Renesas Technology Corp F2970 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
F2970 Datasheet
© 2016 Integrated Device Technology, Inc.
8
November 11, 2016
Typical Performance Characteristics [1]
Figure 4.
Insertion Loss vs. Frequency over
Temperature and VDD [RF1]
Figure 5.
Insertion Loss vs. Frequency over
Temperature and VDD [RF2]
Figure 6.
Isolation vs. Frequency over Temp
and VDD [RF1 to RF2, RF1 Selected]
Figure 7.
Isolation vs. Frequency over Temp
and VDD [RF2 to RF1, RF2 Selected]
Figure 8.
Isolation vs. Frequency over Temp
and VDD [RF2 to RFC, RF1 Selected]
Figure 9.
Isolation vs. Frequency over Temp
and VDD [RF1 to RFC, RF2 Selected]
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
2.7V -40C
3V -40C
3.6V -40C
2.7V 25C
3V 25C
3.6V 25C
2.7V 105C
3V 105C
3.6V 105C
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
2.7V -40C
3V -40C
3.6V -40C
2.7V 25C
3V 25C
3.6V 25C
2.7V 105C
3V 105C
3.6V 105C
-120
-110
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
2.7V -40C
3V -40C
3.6V -40C
2.7V 25C
3V 25C
2.7V 105C
3V 105C
3.6V 25C
3.6V 105C
-120
-110
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
2.7V -40C
3V -40C
3.6V -40C
2.7V 25C
3V 25C
3.6V 25C
2.7V 105C
3V 105C
3.6V 105C
-120
-110
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
2.7V -40C
3V -40C
3.6V -40C
2.7V 25C
3V 25C
3.6V 25C
2.7V 105C
3V 105C
3.6V 105C
-120
-110
-100
-90
-80
-70
-60
-50
-40
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
2.7V -40C
3V -40C
3.6V -40C
2.7V 25C
3V 25C
3.6V 25C
2.7V 105C
3V 105C
3.6V 105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com