Electronic Components Datasheet Search
  English  ▼

X  

F2976 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2976
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2976 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2976 Datasheet HTML 1Page - Renesas Technology Corp F2976 Datasheet HTML 2Page - Renesas Technology Corp F2976 Datasheet HTML 3Page - Renesas Technology Corp F2976 Datasheet HTML 4Page - Renesas Technology Corp F2976 Datasheet HTML 5Page - Renesas Technology Corp F2976 Datasheet HTML 6Page - Renesas Technology Corp F2976 Datasheet HTML 7Page - Renesas Technology Corp F2976 Datasheet HTML 8Page - Renesas Technology Corp F2976 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
F2976 Datasheet
© 2017 Integrated Device Technology, Inc.
3
Rev O April 19, 2017
Absolute Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. Functional operation of the device at these or any other
conditions beyond those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VCC to GND
VCC
-0.3
+5.5
V
VCTL, LS
VLOGIC
-0.3
Lower of
(VCC + 0.3, 3.9)
V
RF1, RF2, RFC
VRF
-0.3
+0.3
V
Maximum Input CW
Power, 50 , TEP = 25°C,
Vcc = 5.25V (any port,
insertion loss state) [a,b]
5MHz ≤ fRF ≤ 10MHz
PABSCW1
30
dBm
10MHz < fRF ≤ 25MHz
PABSCW2
32
25MHz < fRF ≤ 200MHz
PABSCW3
33
200MHz < fRF ≤ 6000MHz
PABSCW4
34
fRF > 6000MHz
PABSCW5
33
Maximum Peak Power,
50 , TEP = 25°C,
Vcc = 5.25V (any port,
insertion loss state) [a, b, c]
5MHz ≤ fRF ≤ 10MHz
PABSPK1
35
dBm
10MHz < fRF ≤ 25MHz
PABSPK2
37
25MHz < fRF ≤ 200MHz
PABSPK3
38
200MHz < fRF ≤ 6000MHz
PABSPK4
39
fRF > 6000MHz
PABSPK5
38
Maximum Junction Temperature
TJMAX
+140
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2500
(Class 2)
V
Electrostatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
1000
(Class C3)
V
a. In a 50 system, dBmV = dBm [50 ] + 47.
In a 75 system, dBmV = dBm [75 ] + 48.75.
b. TEP = Temperature of the exposed paddle.
c. 5 % duty cycle of a 4.6ms period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com