Electronic Components Datasheet Search
  English  ▼

X  

F2976 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F2976
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2976 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F2976 Datasheet HTML 16Page - Renesas Technology Corp F2976 Datasheet HTML 17Page - Renesas Technology Corp F2976 Datasheet HTML 18Page - Renesas Technology Corp F2976 Datasheet HTML 19Page - Renesas Technology Corp F2976 Datasheet HTML 20Page - Renesas Technology Corp F2976 Datasheet HTML 21Page - Renesas Technology Corp F2976 Datasheet HTML 22Page - Renesas Technology Corp F2976 Datasheet HTML 23Page - Renesas Technology Corp F2976 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
F2976 Datasheet
© 2017 Integrated Device Technology, Inc.
20
Rev O April 19, 2017
Evaluation Kit (EVKit) Operation
External Supply Setup
Set up a VCC power supply in the voltage range of 2.5V to 5.25V with the power supply output disabled.
For the 75
EVKit, connect the disabled Vcc supply connection to J6 pin 2 and GND to J6 pins 1 or 5.
For the 50
EVKit, connect the disabled Vcc supply connection to J6 pin 3 and GND to J6 pin 1, 2, 4, 6, 8, 9, or 10.
Logic Control Setup
With the logic control lines disabled set the HIGH and LOW logic levels to satisfy the levels stated in the electrical specifications table.
For the 75
EVKit, connect the disabled logic control lines to J6 EN (pin 3) and VCTL (pin 4).
For the 50
EVKit, connect the disabled logic control lines to J6 EN / LS (pin 5) and VCTL (pin 7).
See Table 9 for the logic truth table.
Turn On Procedure
Setup the supplies and EVKit as noted in the External Supply Setup and Logic Control Setup sections above.
Enable the VCC supply.
Enable the logic control signals.
Set the logic settings to achieve the desired Table 9 configuration. Note that external control logic should not be applied without VCC being
present.
Turn Off Procedure
Set the logic control pins to a logic LOW.
Disable the VCC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com