Electronic Components Datasheet Search
  English  ▼

X  

F2976 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F2976
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2976 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F2976 Datasheet HTML 8Page - Renesas Technology Corp F2976 Datasheet HTML 9Page - Renesas Technology Corp F2976 Datasheet HTML 10Page - Renesas Technology Corp F2976 Datasheet HTML 11Page - Renesas Technology Corp F2976 Datasheet HTML 12Page - Renesas Technology Corp F2976 Datasheet HTML 13Page - Renesas Technology Corp F2976 Datasheet HTML 14Page - Renesas Technology Corp F2976 Datasheet HTML 15Page - Renesas Technology Corp F2976 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
F2976 Datasheet
© 2017 Integrated Device Technology, Inc.
12
Rev O April 19, 2017
Typical Performance Characteristics - 50
Performance
Figure 14. RF1 to RFC Insertion Loss
Figure 15. RF2 to RFC Insertion Loss
Figure 16. RF1 to RFC Isolation [RF2 On State]
Figure 17. RF2 to RFC Isolation [RF1 On State]
Figure 18. RF1 to RF2 Isolation [RF1 On State]
Figure 19. RF1 to RF2 Isolation [RF2 On State]
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40C / 2.5V
-40C / 3.3V
-40C / 5.25V
25C / 2.5V
25C / 3.3V
25C / 5.25V
105C / 2.5V
105C / 3.3V
105C / 5.25V
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
-40 C / 2.5 V
-40 C / 3.3 V
-40 C / 5.25 V
25 C / 2.5 V
25 C / 3.3 V
25 C / 5.25 V
105 C / 2.5 V
105 C / 3.3 V
105 C / 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com