Electronic Components Datasheet Search
  English  ▼

X  

F2976 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F2976
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2976 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F2976 Datasheet HTML 1Page - Renesas Technology Corp F2976 Datasheet HTML 2Page - Renesas Technology Corp F2976 Datasheet HTML 3Page - Renesas Technology Corp F2976 Datasheet HTML 4Page - Renesas Technology Corp F2976 Datasheet HTML 5Page - Renesas Technology Corp F2976 Datasheet HTML 6Page - Renesas Technology Corp F2976 Datasheet HTML 7Page - Renesas Technology Corp F2976 Datasheet HTML 8Page - Renesas Technology Corp F2976 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
F2976 Datasheet
© 2017 Integrated Device Technology, Inc.
2
Rev O April 19, 2017
Pin Assignments
Figure 2.
Pin Assignments for 2mm x 2mm x 0.5mm 12-pin TQFN, NEG12 – Top View
RF1
GND
LS
GND
RFC
GND
F2976
GND
RF2
GND
GND
VCTL
EP
Vcc
Pin Descriptions
Table 1.
Pin Descriptions
Number
Name
Description
1
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
2
RF2
RF2 Port. If this pin is not 0V DC, then an external coupling capacitor must be used.
3
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
4
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
5
RFC
RF Common Port. If this pin is not 0V DC, then an external coupling capacitor must be used.
6
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
7
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
8
RF1
RF1 Port. If this pin is not 0V DC, then an external coupling capacitor must be used.
9
GND
Internally grounded. Connect pin directly to paddle ground or as close as possible to pin with thru vias.
10
VCTL
Logic control pin (see Table 9).
11
LS
Truth Table select pin. Defines VCTL logic for RF switching (see Table 9). Pin is internally pulled up to 2.5V
through a 500k resistor.
12
VCC
Power supply. Bypass to GND with capacitors shown in the Typical Application Circuit as close as
possible to pin.
EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses multiple
ground vias to provide heat transfer out of the device into the PCB ground planes. These multiple ground
vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com