Electronic Components Datasheet Search
  English  ▼

X  

F2976 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F2976
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2976 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F2976 Datasheet HTML 15Page - Renesas Technology Corp F2976 Datasheet HTML 16Page - Renesas Technology Corp F2976 Datasheet HTML 17Page - Renesas Technology Corp F2976 Datasheet HTML 18Page - Renesas Technology Corp F2976 Datasheet HTML 19Page - Renesas Technology Corp F2976 Datasheet HTML 20Page - Renesas Technology Corp F2976 Datasheet HTML 21Page - Renesas Technology Corp F2976 Datasheet HTML 22Page - Renesas Technology Corp F2976 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
F2976 Datasheet
© 2017 Integrated Device Technology, Inc.
19
Rev O April 19, 2017
Table 10.
75
Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1
1
0.1 F ±10%, 16V, X7R, Ceramic Capacitor (0402)
GRM155R71C104KA88D
Murata
C2, C4
2
100pF ±5% 50V, C0G, Ceramic Capacitor (0402)
GRM1555C1H101JA01D
Murata
C3
1
0.01 F ±5% 50V, X7R, Ceramic Capacitor (0603)
GRM188R71H103JA01D
Murata
R2, R3
2
100
1/10W, Resistor (0402)
ERJ-2RKF1000X
Panasonic
J1 – J5
5
F-Type Edge Mount
222181
Amphenol RF
J6
1
Conn Header Vert 5x1 Pos Gold
68002-205HLF
Amphenol FCI
U1
1
SP2T Switch 2mm x 2mm 12-pin TQFN
F2976NEGK
IDT
1
Printed Circuit Board [a]
F2972 75
PCB
IDT
a. The F2976 75
EVKit reuses the 75
PCB from the F2972 and requires pin 1 of the F2976 to be rotated by 90 degrees
clockwise from the F2972 PCB pin 1 marking, for proper assembly.
Table 11.
50
Bill of Material (BOM)
Part Reference
QTY
Description
Manufacturer Part #
Manufacturer
C1 – C7
0
Not Installed (0402)
R1– R3
3
0
1/10 W, Resistor (0402)
ERJ-2GE0R00X
Panasonic
J1 – J5
5
SMA Edge Mount
142-0761-881
Cinch Connectivity
J6
1
Conn Header 10 Pos 0.100” Str 15 Au
68602-210HLF
Amphenol FCI
TP1, TP2, TP3, TP4,
TP5
0
Not Installed Test Point Loop
U1
1
SP2T Switch 2mm x 2mm 12-pin TQFN
F2976NEGK
IDT
1
Printed Circuit Board [a]
F2972 50
PCB
IDT
a. The F2976 50
EVKit reuses the 50
PCB from the F2972 and requires pin 1 of the F2976 to be rotated by 90 degrees
clockwise from the F2972 PCB pin 1 marking, for proper assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com