Electronic Components Datasheet Search
  English  ▼

X  

F2976 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # F2976
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2976 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button F2976 Datasheet HTML 17Page - Renesas Technology Corp F2976 Datasheet HTML 18Page - Renesas Technology Corp F2976 Datasheet HTML 19Page - Renesas Technology Corp F2976 Datasheet HTML 20Page - Renesas Technology Corp F2976 Datasheet HTML 21Page - Renesas Technology Corp F2976 Datasheet HTML 22Page - Renesas Technology Corp F2976 Datasheet HTML 23Page - Renesas Technology Corp F2976 Datasheet HTML 24Page - Renesas Technology Corp F2976 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
F2976 Datasheet
© 2017 Integrated Device Technology, Inc.
23
Rev O April 19, 2017
Marking Diagram
2976
YW**
Line 1 - 2976 = Abbreviated part number.
Line 2 - Y = Year code.
Line 2 - W = Work week code.
Line 2 - ** = Sequential alpha for lot traceability.
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
F2976NEGK
2mm x 2mm x 0.5mm 12-VFQFP-N
MSL1
Cut Reel
-40°C to +105°C
F2976NEGK8
2mm x 2mm x 0.5mm 12-VFQFP-N
MSL1
Tape and Reel
-40°C to +105°C
F2976EVBI-75OHM
75 Evaluation Board
F2976EVBI-50OHM
50 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com