Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 4 Page - Texas Instruments

  OPA210 Datasheet HTML 1Page - Texas Instruments OPA210 Datasheet HTML 2Page - Texas Instruments OPA210 Datasheet HTML 3Page - Texas Instruments OPA210 Datasheet HTML 4Page - Texas Instruments OPA210 Datasheet HTML 5Page - Texas Instruments OPA210 Datasheet HTML 6Page - Texas Instruments OPA210 Datasheet HTML 7Page - Texas Instruments OPA210 Datasheet HTML 8Page - Texas Instruments OPA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage
Supply voltage, VS = (V+) – (V–)
40
V
Signal input pins(2)
(V–) – 0.5
(V+) + 0.5
Signal input pins
Differential
1
Current
Signal input pins(2)
–10
10
mA
Output short circuit(3)
Continuous
Temperature
Junction, TJ
150
°C
Storage temperature, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the de vice. Theseare stress ratings
only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under
Recommended OperatingConditions. Exposure to absolute-maximum-rated conditions for extended periods mayaffect device
reliability.
(2)
For input voltages beyond the power-supply rails, voltage orcurrent must be limited.
(3)
Short circuit to ground, one amplifier per package.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Specified voltage, VS
±2.25
±18
V
Specified temperature
–40
125
°C
Operating temperature, TA
–55
150
°C
OPA210, OPA2210
SBOS924F – SEPTEMBER 2018 – REVISED JANUARY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com