Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 9Page - Texas Instruments OPA210 Datasheet HTML 10Page - Texas Instruments OPA210 Datasheet HTML 11Page - Texas Instruments OPA210 Datasheet HTML 12Page - Texas Instruments OPA210 Datasheet HTML 13Page - Texas Instruments OPA210 Datasheet HTML 14Page - Texas Instruments OPA210 Datasheet HTML 15Page - Texas Instruments OPA210 Datasheet HTML 16Page - Texas Instruments OPA210 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Time (500 ns/div)
VOUT
VIN
G = –10
Figure 6-31. Positive Overload Recovery
Time (500 ns/div)
VOUT
VIN
G = –10
Figure 6-32. Negative Overload Recovery
Time (1 Ps/div)
G = +1
10-mV step, CL = 100 pF, RL = 600 Ω
Figure 6-33. Small-Signal Step Response
Time (1 Ps/div)
G = –1
10-mV step, CL = 100 pF, RL = 600 Ω
Figure 6-34. Small-Signal Step Response
Time (1 Ps/div)
G = +1
10-V step, CL = 100 pF, RL = 600 Ω
Figure 6-35. Large-Signal Step Response
Time (1 Ps/div)
G = –1
10-V step, CL = 100 pF, RL = 600 Ω
Figure 6-36. Large-Signal Step Response
www.ti.com
OPA210, OPA2210
SBOS924F – SEPTEMBER 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com