Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 15Page - Texas Instruments OPA210 Datasheet HTML 16Page - Texas Instruments OPA210 Datasheet HTML 17Page - Texas Instruments OPA210 Datasheet HTML 18Page - Texas Instruments OPA210 Datasheet HTML 19Page - Texas Instruments OPA210 Datasheet HTML 20Page - Texas Instruments OPA210 Datasheet HTML 21Page - Texas Instruments OPA210 Datasheet HTML 22Page - Texas Instruments OPA210 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPAx210 are unity-gain stable, precision operational amplifiers with very low noise. Applications with noisy
or high-impedance power supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF
capacitors are adequate.
8.1.1 Basic Noise Calculations
Low-noise circuit design requires careful analysis of all noise sources. External noise sources can dominate in
many cases; consider the effect of source resistance on overall op amp noise performance. Total noise of the
circuit is the root-sum-square combination of all noise components.
The resistive portion of the source impedance produces thermal noise proportional to the square root of the
resistance. This function is plotted in Figure 7-2. The source impedance is usually fixed; consequently, select the
op amp and the feedback resistors to minimize the respective contributions to the total noise.
Figure 8-1 illustrates both noninverting (A) and inverting (B) op amp circuit configurations with gain. In circuit
configurations with gain, the feedback network resistors also contribute noise. In general, the current noise of the
op amp reacts with the feedback resistors to create additional noise components. However, the extremely low
current noise of the OPAx210 means that the device current noise contribution can be neglected.
Generally, the feedback resistor values are chosen to make these noise sources negligible. Low impedance
feedback resistors load the output of the amplifier. The equations for total noise are shown for both
configurations.
(A) Noise in Noninverting Gain Configuration
+
±
R2
R1
RS
+
±
VS
GND
Source
EO
GND
+
±
R2
R1
GND
EO
RS
+
±
VS
GND
Source
(B) Noise in Inverting Gain Configuration
:1; '
1 =
l1+42
41
p„¨:A
5
;2 +:A
0
;2 +
kA
41æ42
o2+:E
0
„ 45
;2 +
lE
0
„
d41„42
41 + 42
hp2 >8
4/5
?
:2; A
5 =
¥4„G$„6(-)„45 d 8
¾*V
h
:3; A
41æ42 =
¨4„G
$
„ 6(-) „
d41„42
41 + 42
h d 8
¾*V
h
:4; G
$ = 1.38065
„ 10
F23
d ,
-
h
:5; 6(-) = 237.15+6(°%) >-?
Noise at the output is given as EO, where
Noise at the output is given as EO, where
:6; '
1 =
l1+ 42
45 + 41
p„¨:A
0
;2 +
kA
41+45 æ42
o2+FE
0
„
H:45 +41;„42
45 + 41 + 42 IG
2
>8
4/5
?
:7; A
41+45 æ42 =
¨4„G
$
„ 6(-) „
H:45 +41;„42
45 + 41 + 42 I
d 8
¾*V
h
:8; G
$ = 1.38065
„ 10
F23
d ,
-
h
:9; 6(-) = 237.15+6(°%) >-?
Thermal noise of RS
Thermal noise of R1 || R2
Boltzmann Constant
Temperature in kelvins
Boltzmann Constant
Temperature in kelvins
Thermal noise of (R1 + RS) || R2
Copyright © 2017, Texas Instruments Incorporated
Where eN is the voltage noise of the amplifier. For the OPAx210 op amp, eN = 2.2 nV/√Hz at 1 kHz.
Where iN is the current noise of the amplifier. For the OPAx210 op amp, iN = 400 fA/√Hz at 1 kHz.
NOTE: For additional resources on noise calculations visit the TI Precision Labs Series.
Figure 8-1. Noise Calculation in Gain Configurations
www.ti.com
OPA210, OPA2210
SBOS924F – SEPTEMBER 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com