Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 13Page - Texas Instruments OPA210 Datasheet HTML 14Page - Texas Instruments OPA210 Datasheet HTML 15Page - Texas Instruments OPA210 Datasheet HTML 16Page - Texas Instruments OPA210 Datasheet HTML 17Page - Texas Instruments OPA210 Datasheet HTML 18Page - Texas Instruments OPA210 Datasheet HTML 19Page - Texas Instruments OPA210 Datasheet HTML 20Page - Texas Instruments OPA210 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
7.3.5 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but may involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect them from
accidental ESD events both before and during product assembly.
It is helpful to have a good understanding of this basic ESD circuitry and its relevance to an electrical overstress
event. See Figure 7-3 for an illustration of the ESD circuits contained in the OPAx210 (indicated by the dashed
line area). The ESD protection circuitry involves several current-steering diodes connected from the input and
output pins and routed back to the internal power-supply lines, where they meet at an absorption device internal
to the operational amplifier. This protection circuitry is intended to remain inactive during normal circuit operation.
An ESD event produces a short duration, high-voltage pulse that is transformed into a short duration, high-
current pulse as it discharges through a semiconductor device. The ESD protection circuits are designed to
provide a current path around the operational amplifier core to prevent it from being damaged. The energy
absorbed by the protection circuitry is then dissipated as heat.
When an ESD voltage develops across two or more of the amplifier device pins, current flows through one or
more of the steering diodes. Depending on the path that the current takes, the absorption device may activate.
The absorption device has a trigger, or threshold voltage, that is greater than the normal operating voltage of the
OPAx210 but less than the device breakdown voltage level. After this threshold is exceeded, the absorption
device quickly activates and clamps the voltage across the supply rails to a safe level.
When the operational amplifier connects into a circuit such as the one Figure 7-3 shows, the ESD protection
components are intended to remain inactive and not become involved in the application circuit operation.
However, circumstances may arise where an applied voltage exceeds the operating voltage range of a given pin.
If this condition occur, there is a risk that some of the internal ESD protection circuits may be biased on, and
conduct current. Any such current flow occurs through steering diode paths and rarely involves the absorption
device.
Figure 7-3 depicts a specific example where the input voltage, VIN, exceeds the positive supply voltage, +VS, by
500 mV or more. Much of what happens in the circuit depends on the supply characteristics. If +VS can sink the
current, one of the upper input steering diodes conducts and directs current to +VS. Excessively high current
levels can flow with increasingly higher VIN. As a result, the data sheet specifications recommend that
applications limit the input current to 10 mA.
If the supply is not capable of sinking the current, VIN may begin sourcing current to the operational amplifier,
and then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise
to levels that exceed the operational amplifier absolute maximum ratings.
Another common question involves what happens to the amplifier if an input signal is applied to the input while
power supplies +VS, –VS, or both are at 0 V.
Again, the answer depends on the supply characteristic while at 0 V, or at a level less than the input signal
amplitude. If the supplies appear as high impedance, then the operational amplifier supply current may be
supplied by the input source through the current steering diodes. This state is not a normal bias condition; the
amplifier will not operate normally. If the supplies are low impedance, then the current through the steering
diodes can become quite high. The current level depends on the ability of the input source to deliver current, and
any resistance in the input path.
If there is an uncertainty about the ability of the supply to absorb this current, external transient voltage
suppressor (TVS) diodes may be added to the supply pins as shown in Figure 7-3. The breakdown voltage must
be selected so that the diode does not turn on during normal operation. However, the breakdown voltage must
be low enough so that the TVS diode conducts if the supply pin begins to rise to greater than the safe operating
supply voltage level.
www.ti.com
OPA210, OPA2210
SBOS924F – SEPTEMBER 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com