Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 3Page - Texas Instruments OPA210 Datasheet HTML 4Page - Texas Instruments OPA210 Datasheet HTML 5Page - Texas Instruments OPA210 Datasheet HTML 6Page - Texas Instruments OPA210 Datasheet HTML 7Page - Texas Instruments OPA210 Datasheet HTML 8Page - Texas Instruments OPA210 Datasheet HTML 9Page - Texas Instruments OPA210 Datasheet HTML 10Page - Texas Instruments OPA210 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
6.6 Electrical Characteristics (continued)
at VS = ±15 V, TA = 25°C, RL = 10 kΩ connected to midsupply, and VCM =VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing
RL = 10 kΩ, AOL > 130 dB
(V–) + 0.2
(V+) – 0.2
V
RL = 600 Ω, AOL > 114 dB
(V–) + 0.6
(V+) – 0.6
RL = 10 kΩ, AOL > 120 dB, TA = –40°C to 125°C
(V–) + 0.2
(V+) – 0.2
ISC
Short-circuit current
VS = ±18 V
±65
mA
CLOAD
Capacitive load drive
(stable operation)
See Section 6.7
ZO
Open-loop output
impedance
See Section 6.7
POWER SUPPLY
IQ
Quiescent current
(per amplifier)
IO = 0 A
TA = 25°C
2.2
2.5
mA
TA = –40°C to 125°C
3.25
(1)
Temperature range limited by thermal performance of the package.
www.ti.com
OPA210, OPA2210
SBOS924F – SEPTEMBER 2018 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com