Electronic Components Datasheet Search
  English  ▼

X  

VSC8221 Datasheet(PDF) 26 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 26 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 22Page - Microsemi Corporation VSC8221 Datasheet HTML 23Page - Microsemi Corporation VSC8221 Datasheet HTML 24Page - Microsemi Corporation VSC8221 Datasheet HTML 25Page - Microsemi Corporation VSC8221 Datasheet HTML 26Page - Microsemi Corporation VSC8221 Datasheet HTML 27Page - Microsemi Corporation VSC8221 Datasheet HTML 28Page - Microsemi Corporation VSC8221 Datasheet HTML 29Page - Microsemi Corporation VSC8221 Datasheet HTML 30Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
26 of 26
26
Table 15. Power Supply and Associated Functional Signals
Power Sup-
ply Pins
Nominal Voltages
Associated Functional Pins
VDDiO
3.3V or 2.5V
RXLOS/SiGDET, MODDEF0/CLKOUT
VDDiO-
MiCRO
3.3V or 2.5V
EECLK/PLLMODE, EEDAT, TXDiS/SRESET, MDiNT, MODDEF1/MDC,
MODDEF2/MDiO, CLKOUTMiCRO/OSCDiS
VDDiOC-
TRL
3.3V or 2.5V
RESET, TDO, TDi, TMS, TCK, TRST
VDD33A
3.3V
LED[2:0], CMODE[3:0], TXVND, TXVPD, TXVNC, TXVPC, TXVNB, TXVPB, TXVNA,
TXVPA, XTAL2, XTAL1/REFCLK, REFFiLT, REFREXT
VDDREG
3.3v
REGOUT
VDD12
1.2V
RDP, RDN, TDP, TDN, SCLKP, SCLKN
VDD12A
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com