Electronic Components Datasheet Search
  English  ▼

X  

VSC8221 Datasheet(PDF) 66 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 66 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 62Page - Microsemi Corporation VSC8221 Datasheet HTML 63Page - Microsemi Corporation VSC8221 Datasheet HTML 64Page - Microsemi Corporation VSC8221 Datasheet HTML 65Page - Microsemi Corporation VSC8221 Datasheet HTML 66Page - Microsemi Corporation VSC8221 Datasheet HTML 67Page - Microsemi Corporation VSC8221 Datasheet HTML 68Page - Microsemi Corporation VSC8221 Datasheet HTML 69Page - Microsemi Corporation VSC8221 Datasheet HTML 70Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
66 of 106
106
Reserved
29
1D
MAC interface Clause 37 Auto-negotiation Control & Status
30
1E
Extended Page Access
31
1F
Reserved
16E
10
SerDes Control #2
17E
11
Reserved
18E
12
SerDes Control Register # 2
19E
13
Extended PHY Control # 3
20E
14
EEPROM interface Status and Control
21E
15
EEPROM Data Read/Write
22E
16
Extended PHY Control # 4
23E
17
Reserved
24E
18
Reserved
25E
19
Reserved
26E
1A
Reserved
27E
1B
Reserved
28E
1C
1000BASE-T Ethernet Packet Generator (EPG) # 1
29E
1D
1000BASE-T Ethernet Packet Generator (EPG) # 2
30E
1E
Table 32. PHY Register Names and Addresses (continued)
Register Name
Register Number
Register Address
(hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com